Electronic Components Datasheet Search
  English  ▼

X  

1000400 Datasheet(PDF) 2 Page - ledxon GmbH

Part # 1000400
Description  Präsentationskoffer ESP1
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

1000400 Datasheet(HTML) 2 Page - ledxon GmbH

  1000400 Datasheet HTML 1Page - ledxon GmbH 1000400 Datasheet HTML 2Page - ledxon GmbH 1000400 Datasheet HTML 3Page - ledxon GmbH 1000400 Datasheet HTML 4Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1000400
/
Page 2 4
OXOMI
Created on 08/26/2026
ITEM DETAILS
CHARACTERISTICS
COMMERCIAL DATA
Discount group
EFGH
DIMENSIONS (PRODUCT INCL. BASIC PACKAGING)
Length
460 mm
Width
310 mm
Height
130 mm
Volume
18,538 cm³ (18.54 l)
Weight
4.12 kg
FEATURES
Product group
Mechanical accessories/spare parts for
luminaires (EC002557)
Type of accessory/spare part
Other
Accessory
Yes
Spare part
Yes
Length
460 mm
Width
310 mm
Height
130 mm
BATTERIES
Contains battery
No
CUSTOMS
CE Indicator
Yes
Country of origin
China (CN)
-



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com