| Electronic Components Datasheet Search |
|
AV4PRO-VGA-US Datasheet(PDF) 1 Page - Infinite Electronics International, Inc. |
|
|
|||||||||||||||||||||||||||||
AV4PRO-VGA-US Datasheet(HTML) 1 Page - Infinite Electronics International, Inc. |
|
1 / 2 page ![]() KVM over IP Solutions Experts in Connectivity Solutions FEATURES USB keyboard and mouse control The ADDERView Pro features high resolution VGA video with extended DDC EDID profile.The extended DDC EDID profile ensures that the switched graphics card is always optimised to work with your screen.The VGA capabilities enable users to work at high resolutions on each head for resolution intensive applications such as media/graphic design or detailed medical imaging. True Emulation USB 2.0 technology The AV4PRO-VGA belongs to the first KVMA range of switches to feature Adder’s advanced True USB Emulation technology. Emulated USB provides an instantaneous and reliable switching action and makes keyboard hotkey and mouse switching possible. Previous implementations have used generic emulations and consequently have only been able to support the most basic keyboard and mouse features.Adder’s revolutionary True Emulation technology overcomes this frustrating limitation by emulating the true character of the connected devices to all the computers simultaneously.This means that you can now use the extra function keys, wheels, buttons and controls that are commonly found on modern keyboards and mice. Independent simultaneous device selection Flexibility is key to the ADDERView Pro. The switch enables you to use the KVMA console to work on one computer whilst your USB peripherals are connected to other computers and your speakers are playing music from yet another. You can of course still switch all connected devices to any one of the connected computers as with any other KVM switch. Channel selection options The ADDERView Pro can be switched using selectable keyboard hotkeys, 3 button mice or the front panel controls. Optionally, you can also use the RC4 remote switch to make your selection. These switching options allow you to rapidly reasign connected devices to any of the connected computers. Broad USB 2.0 Hi Speed device support A vast range of USB devices can be connected to the ADDERView Pro, from non standard human interface devices to printers and scanners.This gives great flexibility. For example, you could be scanning a set of documents onto one computer whilst working on another and printing from yet another, all at the same time.The USB 2.0 switching action has been carefully engineered to ensure maximum computer reliability when connecting and disconnecting USB devices. Options port for control, synchronisation and upgrade An ‘Options’ port enables the AV4PRO- VGA to be remotely switched using simple ASCII codes.When the channel is switched, the same ASCII codes are echoed to the ‘Options’ port and so, by linking ‘Options’ ports, two or more PRODUCT IN BRIEF The AV4PRO-VGA is designed to enable four multihead computers to be controlled from a single high resolution KVM console using high definition analogue VGA video links.The switch makes use of Adder’s USB True Emulation technology which enables USB HID devices to be continuously emulated to each computer.This unique technology enables instantaneous and reliable hotkey switching whilst also supporting the extra keys and features of enhanced keyboards and mice. Furthermore, the ADDERView 4PRO-VGA includes two independently switchable USB 2.0 channels and an audio channel, giving the user the flexibility to attach selected peripherals to different computers. ADDERVIEW 4PRO-VGA Ultimate flexibility for sharing high-res screens and USB peripherals KVMA switch to share Video and USB between multiple sources ADDERView PRO Range Independent simultaneous device selection Switching all connected devices to a single computer |
Similar Part No. - AV4PRO-VGA-US |
|
Similar Description - AV4PRO-VGA-US |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |