Electronic Components Datasheet Search
  English  ▼

X  

60064PI Datasheet(PDF) 2 Page - Philex Electronic Ltd.

Part # 60064PI
Description  8Km Long Range Wireless Network Bridge Kit
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILEX [Philex Electronic Ltd.]
Direct Link  https://www.philex.com/
Logo PHILEX - Philex Electronic Ltd.

60064PI Datasheet(HTML) 2 Page - Philex Electronic Ltd.

  60064PI Datasheet HTML 1Page - Philex Electronic Ltd. 60064PI Datasheet HTML 2Page - Philex Electronic Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
01234 26 37 37
sales@labgear.co.uk
www.labgear.co.uk
8Km Long Range Wireless Network Bridge Kit
High Gain Outdoor CPE Pair
Part Number:
60064PI
Hardware Product Specifications
Flash
SPI NOR 16MB
DDR
DDR2-128MB
5G Frequency
5.150GHz ~ 5.850GHz
5G Wi-Fi Protocol
802.11 a/n/ac
Antenna
Internal 18dBi directional panel antenna
Max Rate
900Mbps
5G TX Power
802.11a
54M
23 ±2dBm
6M
26 ±2dBm
802.11n HT20
MCS 7
22 ±2dBm
MC S0
26 ±2dBm
802.11n HT40
MCS 7
22 ±2dBm
MC S0
26 ±2dBm
802.11ac VHT20
MCS 9
21 ±2dBm
MC S0
26 ±2dBm
5G
Receiving
Sensitivity
802.11ac VHT40
MCS 9
21 ±2dBm
MC S0
26 ±2dBm
802.11ac VHT80
MCS 9
21±2dBm
MC S0
26 ±2dBm
802.11a
54M
-75dBm
6M
-92dBm
802.11n HT20
MCS 7
-72dBm
MC S0
-90dBm
5G EVM
802.11a_54M: ≤-25 dB; 802.11n_MCS7: ≤-28 dB;
802.11AC_MCS9: ≤-32dB
ppm
±20ppm
WAN
1*10/100/1000M WAN, support 24V-48V passive POE
LAN
1*10/100/1000M LAN
Power
PoE 24V~48V passive POE, DC 12~24V
Max Power
Consumption
<10W
Reset
Press the button for 2 to 5 seconds to automatically pair, and
press and hold for 10 seconds to restore to factory default settings
Indicators
SYS, WAN, LAN, Signal*5
Dimension
(each unit)
268mm*115mm*45mm
Weight
(each unit)
0. 48 kg
Temperature
Working: -30°C to 55°C, Storage: -40°C to 70°C,
Humidity: 5%~95% (Non-Condensing)
IP Grade
IP65
ESD
Air:±8K, Touch:±6
Electrical Surge
Common Mode: 4K, Differential Mode: 2K
Firmware Product Specifications
Working Mode
Access Point (Automatic WDS),
Access Point (TDMA3), Site (WDS/TDMA3), Site
(ARPNAT)
Wireless
Intelligent dynamic polling, automatic channel
selection, automatic modulation mode selection, automatic
transmission power control (ATPC)
Wireless Safety
WPA/WPA2 personal encryption, WPA/WPA2 enterprise
encryption, WACL, user isolation
Wireless QoS
TDMA implements 4 queue priority
Network mode
IPv4 IPv6
VLAN
Support VLAN and VLAN transparent transmission
WAN protocol
Static IP, DHCP client
Service
DHCP service, SNMP service, NTP client, route tracking,
ping watchdog
Management
HTTP(S) GUI, SSH, SNMP read, WNMS, Telnet
Built Tool
Site survey, connection testing, antenna calibration
Horizontal polarization
Vertical polarization
Antenna Specifications - Built-in Antenna
Working
Frequency
5150 ~5850 MHz
Gain
18dBi
Polarization
Mode
Vertical/horizontal dual polarization
Horizontal Beam
Angle
30°
Vertical Beam
Angle
15°



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com