Electronic Components Datasheet Search
  English  ▼

X  

STA015 Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA015
Description  MPEG 2.5 LAYER III AUDIO DECODER WITH ADPCM CAPABILITY
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA015 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA015_04 Datasheet HTML 33Page - STMicroelectronics STA015_04 Datasheet HTML 34Page - STMicroelectronics STA015_04 Datasheet HTML 35Page - STMicroelectronics STA015_04 Datasheet HTML 36Page - STMicroelectronics STA015_04 Datasheet HTML 37Page - STMicroelectronics STA015_04 Datasheet HTML 38Page - STMicroelectronics STA015_04 Datasheet HTML 39Page - STMicroelectronics STA015_04 Datasheet HTML 40Page - STMicroelectronics STA015_04 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
37/55
STA015 STA015B STA015T
Bass_Freq <= Treble_Freq
Bass_Freq > 0
(suggested range: 20 Hz < Bass_Freq < 750 Hz)
Example:
Bass = 200Hz
Treble = 3kHz
TFS
BFS
TREBLE_ENHANCE
Address: 0x7B (123)
Software Reset: 0x00
Hardware Reset: 0x00
Signed number (2 complement)
This register is used to select the enhancement or attenuation STA015 has to perform on Treble Frequen-
cy range at the digital signal.
A decrement (increment) of a decimal unit corresponds to a step of attenuation (enhancement) of 1.5dB.
The allowed Attenuation/Enhancement range is [-18dB, +18dB].
15
14
13
12
11
10
9876543210
00001
01110111000
15
14
13
12
11
10
9876543210
00000
00011001000
MSB
LSB
b7
b6
b5
b4
b3
b2
b1
b0
TE7
TE6
TE5
TE4
TE3
TE2
TE1
TE0
MSB
LSB
ENHANCE/ATTENUATION
b7
b6
b5
b4
b3
b2
b1
b0
1.5dB step
0
0001
100
+18
0
0001
011
+16.5
0
0001
010
+15
0
0001
001
+13.5
:
:
0
0000
001
+1
0
0000
000
0
1
1111
111
-1
:
:
1
1110
111
+13.5
1
1110
110
-15
1
1110
100
-16.5
1
1110
100
-18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com