Electronic Components Datasheet Search
  English  ▼

X  

TDA7571 Datasheet(PDF) 15 Page - STMicroelectronics

Part # TDA7571
Description  STPDACsw - Fully digital high efficiency power audio amplifier
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7571 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button TDA7571 Datasheet HTML 11Page - STMicroelectronics TDA7571 Datasheet HTML 12Page - STMicroelectronics TDA7571 Datasheet HTML 13Page - STMicroelectronics TDA7571 Datasheet HTML 14Page - STMicroelectronics TDA7571 Datasheet HTML 15Page - STMicroelectronics TDA7571 Datasheet HTML 16Page - STMicroelectronics TDA7571 Datasheet HTML 17Page - STMicroelectronics TDA7571 Datasheet HTML 18Page - STMicroelectronics TDA7571 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
TDA7571
Functions, pins and components description
15/21
4.3
Internal thermal protection network
The purpose of this function is to sense the chip temperature. Because of the power
dissipation of this device is almost constant (is not dependent by the output power), the
system must be designed to avoid chip temperature higher than 140 °C.
The internal thermal protection is intended to avoid dangerous situations due to, as
example, damaged power transistors (gate-source shorted) or bad environments conditions.
Through the internal thermal warning pin (THWINT, pin 36), a signal useful to switch-off the
system or, at least, reduce the power dissipation reducing (as example) the output power
and/or, in a system provided of regulated power supply, reducing the voltage supply of the
amplifier (±Vs) is present.
4.4
Feedback
The resistors Rgain-L1, Rgain-L2 for the Left channel and Rgain-R1, Rgain-R2 for the Right
channel defines the output AC voltage with a specific input digital data.
In the example, with 3.9Kohm and 1kohm, as shown in the schematic, the output voltage @
input = -6dBFS, is indicated in the Main characteristics description. These values are
needed to reach the clipping with 0dBFS input digital data and Vs = ±25V.
If different power supply values are used, different resistors can be used to guarantee the
clipping (then the output power), optimizing the signal to noise ratio.
If Vsmax is the maximum power supply at which the amplifier must goes into clipping
condition, the value of Rgain-X1 is given by:
Considering Rgain-X2 = 1kohm, the relation become:
As example, if Vsmax = ±20V, Rgain - L1 = Rgain - R1 = 2.92kohm ~= 3kohm
4.5
Gate driving network
The main purpose of the 27 ohm resistors Rd-N-L, Rd-P-L, Rd-N-R and Rd-P-R are the
following:
1.
Dumping of the L-C equivalent circuit done by the parasitic inductance and capacitance
present in the circuit
2.
Reduction of the dv/dt of the Vgs and then reduction of the di/dt of the drain current of
the power MOS.
The R-C snubber network done by:
Rs-N-L, Cs-N-L
R
gain
X1
–
V
smax Rgain
X2
–
5.1 R
gain
X2
–
⋅
–
⋅
()
5.1
----------------------------------------------------------------------------------------------------
–
R
gain
X1
–
V
smax
5.1
–
()
5.1
------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com