Electronic Components Datasheet Search
  English  ▼

X  

TDA7850 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7850
Description  4 x 50 W MOSFET quad bridge power amplifier plus HSD
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7850 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7850 Datasheet HTML 4Page - STMicroelectronics TDA7850 Datasheet HTML 5Page - STMicroelectronics TDA7850 Datasheet HTML 6Page - STMicroelectronics TDA7850 Datasheet HTML 7Page - STMicroelectronics TDA7850 Datasheet HTML 8Page - STMicroelectronics TDA7850 Datasheet HTML 9Page - STMicroelectronics TDA7850 Datasheet HTML 10Page - STMicroelectronics TDA7850 Datasheet HTML 11Page - STMicroelectronics TDA7850 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical specifications
TDA7850
8/18
3.3
Electrical characteristics
Table 4.
Electrical characteristics
(Refer to the test and application diagram, VS = 14.4V; RL = 4Ω; Rg = 600Ω; f = 1KHz;
Tamb = 25°C; unless otherwise specified).
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Iq1
Quiescent current
RL = ∞
100
180
280
mA
VOS
Output offset voltage
Play mode / Mute mode
±60
mV
dVOS
During mute ON/OFF output
offset voltage
ITU R-ARM weighted
see Figure 20
-10
+10
mV
During St-By ON/OFF output
offset voltage
-10
+10
mV
Gv
Voltage gain
25
26
27
dB
dGv
Channel gain unbalance
±1
dB
Po
Output power
VS = 13.2V; THD = 10%
VS = 13.2V; THD = 1%
VS = 14.4V; THD = 10%
VS = 14.4V; THD = 1%
23
16
28
20
25
19
30
23
W
VS = 14.4V; THD = 10%, 2Ω
50
55
W
Po max.
Max. output power(1)
VS = 14.4V; RL = 4Ω
VS = 14.4V; RL = 2Ω
50
85
W
THD
Distortion
Po = 4W
Po = 15W; RL = 2Ω
0.006
0.015
0.05
0.07
%
eNo
Output noise
"A" Weighted
Bw = 20Hz to 20KHz
35
50
50
70
μV
SVR
Supply voltage rejection
f = 100Hz; Vr = 1Vrms
50
75
dB
fch
High cut-off frequency
PO = 0.5W
100
300
KHz
Ri
Input impedance
80
100
120
K
Ω
CT
Cross talk
f = 1KHz PO = 4W
f = 10KHz PO = 4W
60
70
60
-
-
dB
ISB
St-By current consumption
VSt-By = 1.5V
20
μA
VSt-By = 0V
10
Ipin5
St-by pin current
VSt-By = 1.5V to 3.5V
±1
μA
VSB out
St-By out threshold voltage
(Amp: ON)
2.75
V
VSB in
St-By in threshold voltage
(Amp: OFF)
1.5
V
AM
Mute attenuation
POref = 4W
80
90
dB
VM out
Mute out threshold voltage
(Amp: Play)
3.5
V
VM in
Mute in threshold voltage
(Amp: Mute)
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com