Electronic Components Datasheet Search
  English  ▼

X  

USP2-35MM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # USP2-35MM
Description  USP SUB PANEL, 2 AUDIO JACK 3.5 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

USP2-35MM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  USP2-35MM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2X, 2.200 55.88
2.68 68.1
2X, 2.760 70.10
3.23 82
1.20 30.5
CL
CL
4X, #6-32 UNC THRU
.06 1.5
2X, 1.43 36.3
2X, AUDIO JACK
3.5mm
3 CONDUCTOR STEREO
NOTES:
1. PANEL MATERIAL: .06 [1.5] THK COLD ROLLED STEEL.
2. PANEL FINISH: FLAT BLACK POWDER COAT.
3. KIT CONTAINS 4, #6-32 UNC SCREWS.
4. ALL DIMENSIONS SHOWN ARE FOR REFERENCE ONLY.
C
A
B
C
D
50 HIGH STREET
NORTH ANDOVER, MA
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
7
8
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
A
B
C
D
1
2
3
4
5
6
7
8
USP2-35MM
C
USP2-35MM.SLDDRW
1
1
P.MCNEIL
04/25/2007
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
J.ROBERST
04/25/2007
04/25/2007
A
B
INITIAL RELEASE
ECN 3065: UPDATE AUDIO JACK TO INCLUDE 3 CONDUCTOR STEREO
10/31/2007
DFRISIELLO
DFRISIELLO
C
ECN 9549 REMOVED CENTER HOLE FROM PLATE
01/07/2019 BPUCHASKI
CATEGORY
PRODUCT DESCRIPTION
DIMENSIONS ARE IN INCHES [mm]
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
MAY VARY
NONE
FSCM NO.
43321
USP SUB PANEL, 2 AUDIO JACK 3.5 mm
SUB PANEL
PROJECTION
UNLESS OTHERWISE SPECIFIED,
DFRISIELLO
COLOR VARIATIONS
MAY OCCUR
04/25/2007
OVERALL CABLE LENGTH TOLERANCE:
≤12 [305] = +1 [25] / -0
>12 [305] ≤60 [1524] = +2 [51] / -0
>60 [1524] ≤120 [3048] = +4 [102] / -0
>120 [3048] ≤300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0%
ALL OTHER DIMENSIONAL TOLERANCES:
.X = ± .2 [5.08]
.XX = ± .02 [.51]
.XXX = ±.005 [.13]


Similar Part No. - USP2-35MM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
USP21-4 L-COM-USP21-4 Datasheet
53Kb / 1P
USP SUB PANEL, W/2 1/4" STEREO FEMALE AUDIO JACK
4/4/07
logo
Astrodyne Corporation
USP225 ASTRODYNE-USP225 Datasheet
237Kb / 2P
225W Single Output with PFC Function
USP225-12 ASTRODYNE-USP225-12 Datasheet
237Kb / 2P
225W Single Output with PFC Function
USP225-12 ASTRODYNE-USP225-12 Datasheet
344Kb / 4P
225W Single Output with PFC Function
USP225-15 ASTRODYNE-USP225-15 Datasheet
237Kb / 2P
225W Single Output with PFC Function
More results

Similar Description - USP2-35MM

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ-43514 CUI-SJ-43514 Datasheet
158Kb / 3P
3.5 MM AUDIO JACK
MR-3501 CUI-MR-3501 Datasheet
262Kb / 3P
3.5 MM AUDIO JACK
SJ1-354X CUI-SJ1-354X Datasheet
181Kb / 3P
3.5 MM AUDIO JACK
SJ-3598 CUI-SJ-3598 Datasheet
147Kb / 3P
3.5 MM AUDIO JACK
SJ-4351X CUI-SJ-4351X Datasheet
162Kb / 3P
3.5 MM AUDIO JACK
SJ-435107 CUI-SJ-435107 Datasheet
280Kb / 3P
3.5 MM AUDIO JACK
SR-3501 CUI-SR-3501 Datasheet
269Kb / 3P
3.5 MM AUDIO JACK
SJ1-43502PM CUI-SJ1-43502PM Datasheet
285Kb / 3P
3.5 MM AUDIO JACK
SJ-435105 CUI-SJ-435105 Datasheet
209Kb / 3P
3.5 MM AUDIO JACK
logo
Advantech Co., Ltd.
PCM-27J3AU ADVANTECH-PCM-27J3AU Datasheet
250Kb / 1P
3-Port Audio Stereo, mPCIe, 3.5 mm Jack
27-Jun-2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com