Electronic Components Datasheet Search
  English  ▼

X  

ND20LITE Datasheet(PDF) 1 Page - LUMEL S.A.

Part # ND20LITE
Description  METER OF NETWORK PARAMETERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

ND20LITE Datasheet(HTML) 1 Page - LUMEL S.A.

  ND20LITE Datasheet HTML 1Page - LUMEL S.A. ND20LITE Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical support:
tel.: (+48 68) 45 75 143,
45 75 141, 45 75 144,
45 75 140
e-mail: export@lumel.com.pl
Export department:
tel.: (+48 68) 45 75 130,
45 75 131, 45 75 132
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Słubicka 4,
65-127 Zielona Góra, Poland
WWW.LUMEL.COM.PL
ND20LITE METER OF NETWORK PARAMETERS
Galvanic
isolation:
Input:
Outputs:
Example of Application
RS
485
software
eCon MOD
BUS
Password
protection
IP65
AC
RS
485
Supply
Features:
Outputs
Kind of output
Properties
Relay output
• programmable relay output, normally open voltageless contacts, load capacity 250 V~/0.5 A~
Pulse output of active or
reactive energy
• 1 OC type, passive
• Measurement of power network parameters in 2,3 or 4- wire
balanced and unbalanced systems.
• High accuracy class.
• Indications considering values of programmed ratios.
• THD.
• Backlit LCD 3.5” screen.
• Protection grade from the frontal side: IP65.
• Digital transmission to the master system through the
RS-485 interface (MODBUS).
• Configurable alarm and pulse outputs (energy).
• Configuration of displayed pages.
Measurements, monitoring,
recording of network
parameters and energy.
Current transformer LCT
Current transformer LCT
Current transformer LCT
L1
L2
L3
N
THD
Measured Quantities and Measuring Ranges
* Depending on the set tr_U ratio (ratio of the voltage transformer: 0.1...4000.0) and tr_I ratio (ratio of the current transformer: 1...10000)
** acc. EN 62053-22
r - of the range
mv - of the measured value
Measured value
Indication range*
Measuring range
L1 L2 L3
S
Basic error
Current In
1 A
5 A
0.00 ... 12 kA
0.00 ... 60 kA
0.001 ... 1.200 A~
0.005... 6.000 A~
l
l
l
±0.2% r
Voltage L-N
57.7 V
69.3 V
230 V
0.0 ... 280 kV
0.0 .. 333.0 kV
0.0 ... 1.104 MV
2.8 ... 70.0 V~
3.4 .. 84 V~
11.5 ... 276 V~
l
l
l
±0.2% r
Voltage L-L
100 V
400 V
0.0 ... 480 kV
0.0 ... 1.92 MV
5 ... 120 V~
20 ... 480 V~
l
l
l
±0.5% r
Frequency
47.0 .. 63.0 Hz
47.0...63.0 Hz
l
l
l
±0.2%mv
Active power
-9999 MW .. 0.00 W .. 9999 MW
-1.65 kW...1.4 W...1.65 kW
l
l
l
l
±0.2% r
Reactive power
-9999 Mvar .. 0.00 var ... 9999 Mvar
-1.65 kvar...1.4 var...1.65 kvar
l
l
l
l
±0.5% r
Apparent power
0.00VA..9999MVA
1.4VA...1.65kVA
l
l
l
l
±0.5% r
Power factor PF
-1 .. 0.. 1
-1...0...1
l
l
l
l
±1% r
Tangent j factor
-10.2...0...10.2
-1.2...0...1.2
l
l
l
l
±1% r
Cosinus j
-1... 1
-1... 1
l
l
l
l
±1% r
j
-180 ... 180
-180 ... 180
l
l
l
±0.5% r
Imported active energy
0 .. 99 999 999.9 kWh
l
cl 0.25**
Exported active energy
0 .. 99 999 999.9 kWh
l
cl 0.25**
Reactive inductive energy
0 .. 99 999 999.9 kvarh
l
±0.5% r
Reactive
capacitive energy
0 .. 99 999 999.9 kvarh
l
±0.5% r
Apparent energy
0 ..99 999 999.9 kVAh
l
±0.5% r
THD
0 .. 100%
0 .. 100%
l
l
l
±5% r


Similar Part No. - ND20LITE

ManufacturerPart #DatasheetDescription
logo
LUMEL S.A.
ND20 LUMEL-ND20 Datasheet
504Kb / 2P
METER OF NETWORK PARAMETERS
logo
TEMIC Semiconductors
ND2012L TEMIC-ND2012L Datasheet
76Kb / 4P
N-Channel Depletion-Mode MOSFET Transistors
ND2020 TEMIC-ND2020 Datasheet
76Kb / 4P
N-Channel Depletion-Mode MOSFET Transistors
logo
PEAK Plastic & Metal Pr...
ND20201.405126 PEAK_Inc-ND20201.405126 Datasheet
168Kb / 2P
ND20201.405126 REV.A
ND20201.405128 PEAK_Inc-ND20201.405128 Datasheet
166Kb / 2P
ND20201.405128 REV.A
More results

Similar Description - ND20LITE

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLDH660-40-3 ROITHNER-RLDH660-40-3 Datasheet
101Kb / 1P
main technical parameters
RLDH808-1200-5 ROITHNER-RLDH808-1200-5 Datasheet
45Kb / 1P
main technical parameters
RLLH635-4-3 ROITHNER-RLLH635-4-3 Datasheet
107Kb / 1P
main technical parameters
RLLI635-2.5-3 ROITHNER-RLLI635-2.5-3 Datasheet
80Kb / 1P
main technical parameters
logo
Infineon Technologies A...
IDP08E65D1 INFINEON-IDP08E65D1 Datasheet
1Mb / 11P
Temperature stable behaviour of key parameters
Rev.2.2,2013-12-16
logo
Sangdest Microelectroni...
245NQ400-1 SMC-245NQ400-1 Datasheet
165Kb / 3P
Extensive Characterization of Recovery Parameters
logo
STMicroelectronics
STL128D STMICROELECTRONICS-STL128D Datasheet
631Kb / 12P
Low spread of dynamic parameters
27-Jun-2011
logo
COREBAI Microelectronic...
CBM94AD67 COREBAI-CBM94AD67 Datasheet
1Mb / 13P
Product parameters
logo
Shanghai Leiditech Elec...
NSP120 LEIDITECH-NSP120 Datasheet
904Kb / 8P
Common Parameters
logo
ON Semiconductor
AND8308 ONSEMI-AND8308 Datasheet
121Kb / 4P
Interpretation of Datasheet Parameters for ESD Devices
December, 2016 ??Rev. 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com