Electronic Components Datasheet Search
  English  ▼

X  

NF20 Datasheet(PDF) 4 Page - LUMEL S.A.

Part # NF20
Description  POWeR FactOR cOntROlleR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

NF20 Datasheet(HTML) 4 Page - LUMEL S.A.

  NF20 Datasheet HTML 1Page - LUMEL S.A. NF20 Datasheet HTML 2Page - LUMEL S.A. NF20 Datasheet HTML 3Page - LUMEL S.A. NF20 Datasheet HTML 4Page - LUMEL S.A. NF20 Datasheet HTML 5Page - LUMEL S.A. NF20 Datasheet HTML 6Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.lumel.com.pl
4
nF20 - POWeRFactORcOntROlleR
cOnnectiOn diagRaMS
b) controller execution 144x144mm
a) controller execution 96x96 mm
5
6
7
capacitor bank
L1 (R)
L2 (S)
L3 (T)
N
meas. current
Im (5A/1A)
S1
S2
com
1 2 3 4
5 6 7 8
C1...C4
alarm-
relay
K1
COM
NO
supply-
voltage
meas.
voltage
VLL‘
1
2
4
NF20
RS-485
com
C5...C8
For 8 Relays
NF20
S1
S2
C1...C6
C7...C12
capacitor bank
L1 (R)
L2 (S)
L3 (T)
N
meas. current
Im (5A/1A)
P1
P2
1 2 3 4 5 6
7 8 9 10 11 12
alarm-
relay
K1
COM
NO
IL
IL‘
supply-
voltage
meas.
voltage
VLL‘
a
b
VL VL‘
RS-485
for 12 Relays



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com