Electronic Components Datasheet Search
  English  ▼

X  

LTC3783 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3783
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3783 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3783 Datasheet HTML 9Page - Linear Technology LTC3783 Datasheet HTML 10Page - Linear Technology LTC3783 Datasheet HTML 11Page - Linear Technology LTC3783 Datasheet HTML 12Page - Linear Technology LTC3783 Datasheet HTML 13Page - Linear Technology LTC3783 Datasheet HTML 14Page - Linear Technology LTC3783 Datasheet HTML 15Page - Linear Technology LTC3783 Datasheet HTML 16Page - Linear Technology LTC3783 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
LTC3783
3783f
For applications where the RUN pin is only to be used as
a logic input, the user should be aware of the 7V Absolute
Maximum Rating for this pin! The RUN pin can be con-
nected to the input voltage through an external 1M resis-
tor, as shown in Figure 5c, for “always on” operation.
Soft-Start Capacitor Selection
For proper soft-start operation, the LTC3783 should have
a sufficiently large soft-start capacitor, CSS, attached to
the SS pin. The minimum soft-start capacitor size can be
estimated on the basis of output voltage, capacitor size
and load current. In addition, PWM operation reduces the
effective SS capacitor value by the dimming ratio.
C
g ratio
A C
V
R
mV
V
SS MIN
OUT
OUT
DS ON SENSE
()
()/
• dimmin
•
•
•
•
•.
>
µ
250
150
1 2
assuming 50% ripple current, where RDS(ON)/SENSE repre-
sents either the RDS(ON) of the switching MOSFET or
RSENSE, whichever is used on the SENSE pin. Dimming
ratio is described by 1/DPWM as shown in Figure 6.
Application Circuits
A basic LTC3783 PWM-dimming LED application is shown
on the first page of this data sheet.
Operating Frequency and PWM Dimming Ratio
The minimum operating frequency, fOSC, required for
proper operation of a PWM dimming application depends
on the minimum PWM frequency, fPWM, the dimming ratio
1/DPWM, and N, the number of fOSC cycles per PWM cycle:
f
Nf
D
OSC
PWM
PWM
>
•
OPERATIO
Figure 5a. Programming the Turn-On and Turn-Off Thresholds Using the RUN Pin
Figure 5b. On/Off Control Using External Logic
Figure 5c. External Pull-Up Resistor on
RUN Pin for “Always On” Operation
–
+
RUN
COMPARATOR
VIN
RUN
R2
R1
INPUT
SUPPLY
OPTIONAL
FILTER
CAPACITOR
+
–
GND
3783 F05a
BIAS AND
START-UP
CONTROL
1.248V
µPOWER
REFERENCE
6V
–
+
RUN
COMPARATOR
1.248V
3483 F05b
RUN
6V
EXTERNAL
LOGIC CONTROL
–
+
RUN
COMPARATOR
VIN
RUN
R2
1M
INPUT
SUPPLY
+
–
GND
1.248V
3483 F05c
6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com