Electronic Components Datasheet Search
  English  ▼

X  

LT1618 Datasheet(PDF) 19 Page - Linear Technology

Part # LT1618
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1618 Datasheet(HTML) 19 Page - Linear Technology

Back Button LT1618 Datasheet HTML 15Page - Linear Technology LT1618 Datasheet HTML 16Page - Linear Technology LT1618 Datasheet HTML 17Page - Linear Technology LT1618 Datasheet HTML 18Page - Linear Technology LT1618 Datasheet HTML 19Page - Linear Technology LT1618 Datasheet HTML 20Page - Linear Technology LT1618 Datasheet HTML 21Page - Linear Technology LT1618 Datasheet HTML 22Page - Linear Technology LT1618 Datasheet HTML 23Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
LTC3783
3783f
OPERATIO
5. The diode for this design must handle a maximum DC
output current of 0.7A and be rated for a minimum reverse
voltage of VOUT, or 25V. A 1A, 40V diode from Zetex was
chosen for its specifications, especially low leakage at
higher temperatures, which is important for maintaining
dimming range.
6. Voltage and value permitting, the output capacitor
usually consists of some combination of low ESR ceram-
ics. Based on a maximum output ripple voltage of 1%, or
250mV, the bulk C needs to be greater than:
C
I
Vf
A
VMHz
OUT
OUT MAX
OUT
>=
()
.•
•
.
.•
•
001
07
001 25
1
==µ
3F
The RMS ripple current rating for this capacitor needs to
exceed:
II
VV
V
RMS COUT
OUT MAX
OUT
IN MIN
IN MIN
()
(
)
()
()
•
–
=
= 007
25
12
12
07
.•
–
.
A
VV
V
A
=
Based on value and ripple current, and taking physical size
into account, a surface mount ceramic capacitor is a good
choice. A 4.7
µF TDK C5750X7R1H475M will satisfy all
requirements in a compact package.
7. The soft-start capacitor should be:
C
gratio
A C
V
R
SS MIN
OUT
OUT
DS
()
(
•dimmin
•
•
•
•
>
µ
250
O
ON SENSE
mV
V
AF
V
)/
•.
••
• .
•
•
150
1 2
2 3000 50
4 7
25
>
µµ
4
42
150
1 2
8
m
mV
V
F
Ω =µ
•.
8. The choice of an input capacitor for a boost converter
depends on the impedance of the source supply and the
amount of input ripple the converter will safely tolerate.
For this particular design and lab setup, 20
µF was found to
be satisfactory.
PC Board Layout Checklist
1. In order to minimize switching noise and improve
output load regulation, the GND pad of the LTC3783
should be connected directly to 1) the negative terminal of
the INTVCC decoupling capacitor, 2) the negative terminal
of the output decoupling capacitors, 3) the bottom termi-
nals of the sense resistors or the source of the power
MOSFET, 4) the negative terminal of the input capacitor,
and 5) at least one via to the ground plane immediately
under the exposed pad. The ground trace on the top layer
of the PC board should be as wide and short as possible
to minimize series resistance and inductance.
2. Beware of ground loops in multiple layer PC boards. Try
to maintain one central ground node on the board and use
the input capacitor to avoid excess input ripple for high
output current power supplies. If the ground plane is to be
used for high DC currents, choose a path away from the
small-signal components.
3. Place the CVCC capacitor immediately adjacent to the
INTVCC and GND pins on the IC package. This capacitor
carries high di/dt MOSFET gate-drive currents. A low ESR
and ESL 4.7
µF ceramic capacitor works well here.
4. The high di/dt loop from the bottom terminal of the
output capacitor, through the power MOSFET, through the
boost diode and back through the output capacitors should
be kept as tight as possible to reduce inductive ringing.
Excess inductance can cause increased stress on the
power MOSFET and increase HF noise on the output. If low
ESR ceramic capacitors are used on the output to reduce
output noise, place these capacitors close to the boost
diode in order to keep the series inductance to a minimum.
5. Check the stress on the power MOSFET by measuring
its drain-to-source voltage directly across the device ter-
minals (reference the ground of a single scope probe
directly to the source pad on the PC board). Beware of
inductive ringing which can exceed the maximum speci-
fied voltage rating of the MOSFET. If this ringing cannot be
avoided and exceeds the maximum rating of the device,
either choose a higher voltage device or specify an ava-
lanche-rated power MOSFET.
6. Place the small-signal components away from high
frequency switching nodes. All of the small-signal compo-
nents should be placed on one side of the IC and all of the
power components should be placed on the other. This
also allows the use of a pseudo-Kelvin connection for the
signal ground, where high di/dt gate driver currents flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com