Electronic Components Datasheet Search
  English  ▼

X  

LTC1871 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1871
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1871 Datasheet(HTML) 5 Page - Linear Technology

  LTC1871 Datasheet HTML 1Page - Linear Technology LTC1871 Datasheet HTML 2Page - Linear Technology LTC1871 Datasheet HTML 3Page - Linear Technology LTC1871 Datasheet HTML 4Page - Linear Technology LTC1871 Datasheet HTML 5Page - Linear Technology LTC1871 Datasheet HTML 6Page - Linear Technology LTC1871 Datasheet HTML 7Page - Linear Technology LTC1871 Datasheet HTML 8Page - Linear Technology LTC1871 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
5
LTC3783
3783f
TYPICAL PERFOR A CE CHARACTERISTICS
VREF vs Temperature
VREF Line Regulation
VREF Load Regulation
IQ vs Temperature (PWMIN Low)
Dynamic IQ vs Frequency
RUN Thresholds vs VIN
RUN Thresholds vs Temperature
RT vs Frequency
TEMPERATURE (
°C)
–50
1.15
1.20
1.25
3783 G01
1.10
1.05
1.00
0
50
100
150
VIN (V)
0
1.229
1.231
40
3783 G02
1.227
1.225
10
20
30
1.235
1.233
IREF (mA)
0
1.231
1.233
1.235
4
3783 G03
1.229
1.227
1.225
1
2
3
5
VIN = 12V
VIN = 2.5V
TEMPERATURE (
°C)
–75
0.6
0.8
1.0
75
175
3783 G04
0.4
0.2
0
–25
25
125
1.2
1.4
1.6
IQ vs VIN (PWMIN Low)
VIN (V)
0
0
1.1
1.3
1.4
1.5
20
40
50
2.0
1.9
3783 G05
1.2
10
30
1.6
1.7
1.8
FREQUENCY (MHz)
0
0
5
10
15
20
30
0.5
1
3783 G06
1.5
25
CL = 3300pF
IQ(TOT) = 1.3mA + QG • f
VIN (V)
0
0.6
0.7
0.9
1.0
1.1
1.6
1.3
10
20
3783 G07
0.8
1.4
1.5
1.2
30
40
RUN HIGH
RUN LOW
TEMPERATURE (
°C)
–50
1.32
1.34
1.36
150
3783 G08
1.30
1.28
1.22
0
50
100
1.26
1.24
1.40
1.38
RUN HIGH
RUN LOW
FREQUENCY (kHz)
10
100
1
100
1000
10000
3783 G09
1
10
1000
TA = 25°C unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com