Electronic Components Datasheet Search
  English  ▼

X  

KW-DPLS32-EC Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # KW-DPLS32-EC
Description  SYNIOS® E4014
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

KW-DPLS32-EC Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button KW-DPLS32-EC Datasheet HTML 13Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 14Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 15Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 16Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 17Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 18Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 19Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 20Page - ams-OSRAM AG KW-DPLS32-EC Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
KW DPLS32.EC
17 Version 1.5 | 2020-04-24
Dimensional Drawing 8)
Further Information:
Approximate Weight:
10.0 mg
Package marking:
Cathode
Corrosion test:
Class: 1B
Test condition: 25°C / 75 % RH / 200ppb SO
2, 200ppb NO2, 10ppb H2S,
10ppb Cl
2
/ 21 days (EN 60068-2-60 (Method 4))
ESD advice:
The device is protected by ESD device which is connected in parallel to the
Chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com