Electronic Components Datasheet Search
  English  ▼

X  

P15 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # P15
Description  PRZETWORNIK/ SEPARATOR DC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

P15 Datasheet(HTML) 2 Page - LUMEL S.A.

  P15 Datasheet HTML 1Page - LUMEL S.A. P15 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.lumel.com.pl
2
PRZETWORNIK/ SEPARATOR DC z dwoma wyjściami
DCTRANSDUCER/ SEPARATOR with two outputs
P15
SCHEMATY PODŁĄCZEŃ | CONNECTION DIAGRAM
KOD ZAMÓWIENIA | ORDERING CODE
LUMEL S.A.
ul. Sulechowska 1, 65-022 Zielona Góra, Poland
tel.: +48 68 45 75 100
www.lumel.com.pl
P15-19_pl_en
Export department:
tel.: (+48 68) 45 75 139, 45 75 233, 45 75 321, 45 75 386
e-mail: export@lumel.com.pl
Informacja techniczna:
Tel: 68 45 75 106/180/260/353
e-mail: sprzedaz@lumel.com.pl
Realizacja zamówień:
Tel: 68 45 75 207/209 /218/341
1
1
2
2
7
8
* tylko po uzgodnieniu z producentem/ after agreeing with the manufacturer
Przetwornik DC/ DC Transducer
P15
XX
XX
XX
X
XXXX
X
X
Sygnał wejściowy d.c. / d.c. Input signal:
0...20 mA
32
1...5 mA
53
4...20 mA
55
Sygnał wyjścia 1 / Output 1 signal:
0…20 mA
32
4…20 mA
55
Sygnał wyjścia 2 / Output 2 signal:
0…20 mA
32
4…20 mA
55
Zasilanie/ Power supply:
60…300 V a.c./d.c.
H
20…40 V a.c/ 20…60 V d.c.
F
Wykonanie/ Version:
standardowe/ standard
0000
specjalne*/ custom-made*
XXXX
Wersja językowa/ Language:
wersja polska/angielska
M
Próby odbiorcze/ Acceptance tests:
bez dodatkowych wymagań/ without extra quality requirements
0
z atestem Kontroli Jakości/ with an extra quality inspection certi cate
1
ze świadectwem wzorcowania/ with calibration certi cate
2
wg uzgodnień z odbiorcą*/ according to customer’s request *
X



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com