Electronic Components Datasheet Search
  English  ▼

X  

P17 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # P17
Description  transducer supplied from a current loop 4-20ma
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

P17 Datasheet(HTML) 2 Page - LUMEL S.A.

  P17 Datasheet HTML 1Page - LUMEL S.A. P17 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Export department:
+48 68 45 75 139/ 321/ 368
Fax: +48 68 32 54 091
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Sulechowska 1
65-022 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
Connection diagram
Ordering
*- after agreement with the manufacturer
P17-19A_en
P17 XX XX X
Input type and range:
voltage
(0 .. 10) V
00
thermocouple J (Fe-CuNi)
(-100 .. 1200)oC
01
thermocouple K (NiCr-NiAl)
(-100 .. 1370)oC
02
thermocouple N (NiCrSi-NiSi)
(-100 .. 1300)oC
03
thermocouple E (NiCr-CuNi)
(-100 .. 900)oC
04
resistance thermometer Pt100
(-50 .. 100)oC
05
resistance thermometer Pt100
(-50 .. 400)oC
06
voltage
(0 .. 60) mV
09
Version:
standard
00
custom-made*
XX
Acceptance tests:
without extra quality inspection requirements
8
with an extra quality inspection certificate
7
acc. to customer’s agreements*
X
Order example:
The code: P17- 05-00-8 means:
P17 - transducer of P17 type supplied from
a current loop
05 - input signal: resistance thermometer Pt100,
range: -50 .. 100oC
00 - standard version
8 - without extra quality inspection requirements.
Safety and compatibility requirements
Electromagnetic compatibility
noise immunity
acc. to EN 61000-6-2
noise emissions
acc. to EN 61000-6-4
Pollution degree
2
acc. to EN 61010-1
Installation category
III
Maximal phase-to-earth operating
voltage
50 V
Voltage 0 .. 60 mV
Voltage 0 .. 10 V
Thermocouple
Resistance thermometer in a 3-wire system
Fig.1. Connection of external signals.
P17transducersuppliedfromacurrentloop4-20ma
For more information
about LUMEL's
products, please
visit our website:
www.lumel.com.pl



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com