Electronic Components Datasheet Search
  English  ▼

X  

P18 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # P18
Description  TEMPERATURE AND HUMIDITY TRANSDUCER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

P18 Datasheet(HTML) 2 Page - LUMEL S.A.

  P18 Datasheet HTML 1Page - LUMEL S.A. P18 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Export department:
+48 68 45 75 130 /132
Fax: +48 68 32 54 091
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Słubicka 4
65-127 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
Safety and compatibility requirements
Electromagnetic compatibility
noise immunity
acc. to EN 61000-6-2
noise emissions
acc. to EN 61000-6-4
Isolation between circuits
basic
acc. to EN 61010-1
Pollution level
2
Installation category
III
Maximal phase-to-earth operating
voltage
50 V
Altitude a.s.l.
< 2000 m
Connection diagram
OUT1
( C)
OUT 2
(RH)
OUT 1
( C)
OUT 2
(RH)
Transducer without analog outputs
Transducer with current outputs
Transducer with voltage outputs
Fig. 1 Connection way of electric signals – P18, P18D.
Fig. 2 Connection way of electric signals – P18L
Order code
Design
Name
Construction
Features
Typical application
20-015-00-00011
Membrane
filter
Casing made of PCV,
membrane of teflon.
laminated by a film.
Pore size: 1 µm
Mean filtration effect.
Maximal temp.: up to 80 oC
Response time: t10/90:15 s
Building automation.
In rooms with low pollution.
20-015-00-00007
Filter made
of teflon
Sintered teflon.
Pore size: 50 µm
High chemical resistance
Maximal temp.: up to 180 oC
Response time: t10/90:14 s
Drying process in chemical
applications.
Table 1
P18, P18D TEMPERATURE AND HUMIDITY TRANSDUCER
P18L
TEMPERATURE OR HUMIDITY TRANSDUCER
16 mm
12 mm
P18(D)-19C_R1_en
P18L-19_R1_en
P18L 000
Temperature and humidity transducer P18L,
built-in temperature and humidity sensor,
supplied from a current loop,
1 x analog output 4 ... 20 mA;
without any extra requirements
Code
Description
P18 000M0
Temperature and humidity transducer P18
without analog outputs;
sensor on the housing;
documentation and descriptions in Polish and
English version,
without any extra requirements
P18 100M0
Temperature and humidity transducer P18
2x analog output 4-20mA; sensor on the housing;
documentation and descriptions in Polish and
English version,
without any extra requirements
P18 200M0
Temperature and humidity transducer P18
2x analog output 2x 0-10V;
sensor on the housing;
documentation and descriptions in Polish and
English version,
without any extra requirements
P18D 000M0 Temperature and humidity transducer P18D
with LCD display,
without analog outputs;
sensor on the housing;
documentation and descriptions in Polish and
English version,
without any extra requirements
Code
Description
P18D 100M0 Temperature and humidity transducer P18D
with LCD display,
2x analog output 4-20mA; sensor on the housing;
documentation and descriptions in Polish and
English version,
without any extra requirements
P18D 200M0 Temperature and humidity transducer P18D
with LCD display,
2x analog output 0-10V; sensor on the housing;
documentation and descriptions in Polish and
English version,
without any extra requirements



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com