Electronic Components Datasheet Search
  English  ▼

X  

P19 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # P19
Description  tEMPErAtUrE AND hUMiDity trANSDUcEr
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

P19 Datasheet(HTML) 2 Page - LUMEL S.A.

  P19 Datasheet HTML 1Page - LUMEL S.A. P19 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
See alSo:
Export department:
+48 68 45 75 139/ 305/
321/ 368
Fax: +48 68 32 54 091
e-mail: export@lumel.com.pl
„LUMEL” S.A.
ul. Słubicka 1
65-127 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
NASZA OFERTA
www.lumel.com.pl
Ordering
P19 tEMPErAtUrE AND hUMiDity trANSDUcEr
Connection diagram
Fig. 2. Connection diagram of P19.
P19 - XX X X
Version:
standard
00
custom-made*
XX
Language:
Polish
P
English
E
other*
X
Acceptance tests:
without extra quality requirements
0
with an extra quality inspection certificate
1
according to customer’s request*
X
Order example:
The code: P19 - 00E0 means:
P19 – temperature and humidity transducer of P19 type
00 – standard version
E – Englsh version
0 – without extra quality requirements.
* only after agreeing with the manufacturer
Safety and compatibility requirements
Electromagnetic compatibility
noise immunity
acc. to EN 61000-6-2
noise emissions
acc. to EN 61000-6-4
Isolation between circuits
basic
acc. to EN 61010-1
Pollution level
2
Installation category
III
Maximal phase-to-earth operating
voltage
50 V
Altitude a.s.l.
< 2000 m
LUMEL-PROCES
software.
For more information
about LUMEL's
products please visit
our website:
www.lumel.com.pl
KD7 recorder.
Interface converter
USB/RS-485 - PD10.
Tricolour digital
display for outdoor
application
-DL21.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com