Electronic Components Datasheet Search
  English  ▼

X  

P20 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # P20
Description  TRANSDUCER OF TEMPERATURE AND STANDARD SIGNALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

P20 Datasheet(HTML) 2 Page - LUMEL S.A.

  P20 Datasheet HTML 1Page - LUMEL S.A. P20 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Export department:
+48 68 45 75 139/ 321/ 368
Fax: +48 68 32 54 091
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Sulechowska 1
65-022 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
Connection diagrams
Safety and compatibility requirements
Electromagnetic compatibility
noise immunity
acc. to EN 61000-6-2
noise emissions
acc. to EN 61000-6-4
Isolation between circuits
basic
acc. to EN 61010-1
Pollution level
2
Installation category
III
Maximal phase-to-earth voltage
for supply circuits
: 300 V
for input: 50 V
for output: 50 V
Altitude above see level
< 2000 m
Ordering
Order example:
The code P20 - 1-1-04-00-7 means:
* - after agreeing with the manufacturer
P20-19C
P20
P20 ordering code:
P20 - X X XX XX X
Analog output:
current 0...20 mA
1
current 4...20 mA
2
voltage 0...10 V
3
Supply:
85...253 V a.c./d.c.
1
20...85 V d.c., 20...65 V a.c.
2
Kind of input:
write the code from table 1
XX
Version:
standard
00
custom-made*
XX
Acceptance tests:
without extra requirements
8
with an extra quality inspection certificate 7
with test certificate
4
acc. to customer’s request*
X
Table 1. input signals P20
Type of
sensor/input
[Unit]
Range
Code
Type of
sensor/input
[Unit]
Range
Code
Pt100
[°C]
-200..850
01
TC of K type
[°C]
-200..1370 36
0..850
02
0..1200
37
0..600
03
0..1000
38
0..400
04
0..800
39
0..200
05
0..600
40
-200..200
06
0..4001
41
-100..1001 07
-200..2001 42
Pt250
[°C]
-200..850
08
TC of S type
[°C]
0..1760
43
0..850
09
0..1600
44
0..600
10
0..14001
45
0..400
11
0..12001
46
0..200
12
0..10001
47
-200..200
13
TC of N type
[°C]
-200..1200 48
-100..100
14
0..1200
49
Pt500
[°C]
-200..850
15
0..1000
50
0..850
16
0..800
51
0..600
17
0..6001
52
0..400
18
0..4001
53
0..200
19
-200..2001 54
-200..200
20
Voltage d.c.
[V]
0..10
55
-100..100
21
0..5
56
Pt1000
[°C]
-200..850
22
-10..10
57
0..850
23
-5..5
58
0..600
24
Voltage d.c.
[mV]
0..60
59
0..400
25
-60..60
60
0..200
26
0..150
61
-200..200
27
-150..150
62
-100..100
28
Current d.c.
[mA]
0..20
63
TC of J type
[°C]
-200..1200 29
4..20
64
0..1200
30
0..5
65
0..1000
31
-20..20
66
0..800
32
Resistance
[Ω]
0..400
67
0..600
33
0..4000
68
0..4001
34
Custom-made
XX
-200..2001 35
1
Accuracy class 0.5
Rated operation conditions
Supply voltage
85...253 V d.c./a.c. (45...65Hz)
lub 20...85 V d.c., 20...65 V a.c. (45...65 Hz)
Power consumption: < 2 VA
Temperature
ambient: -20...23...55˚C
storage: -25...85˚C
Relative humidity
< 95%
inadmissible condensation
Working position
any
Preheating time
10 min
Averaging time
range: d.c. current [mA], d.c. voltage [V]  0.1 s
other ranges ≥ 0.3 s
Resistance
thermometer
in a three-wire
system
Resistance
thermometer
in a two-wire system
or resistance
measurement
Thermocouple
or voltage
- 60... 60 mV
0... 60 mV
- 150... 150 mV
0... 150 mV
Current
- 20... 20 mA
0... 20 mA
4... 20 mA
0...5 mA
Voltage
- 10... 10 V
0... 10 V
0... 5 V
-5...5 V
P20 - transducer of temperature and
standard signals
1 - with current analog output: 0... 20 mA
1 - voltage supply 85... 253 V a.c./d.c.
04 - Pt100 output signal on the 0...400oC
range
00 - standard version
7 - with an extra quality inspection
certificate
For more information
about LUMEL's
products please
visit our website:
www.lumel.com.pl
TRANSDUCER OF TEMPERATURE AND STANDARD SIGNALS
4
Jumper



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com