Electronic Components Datasheet Search
  English  ▼

X  

PD10 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # PD10
Description  converter of usb/rs-485 interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

PD10 Datasheet(HTML) 2 Page - LUMEL S.A.

  PD10 Datasheet HTML 1Page - LUMEL S.A. PD10 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Export department:
+48 68 45 75 130
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Słubicka 4
65-127 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
Ordering code
Connection diagrams
PD10 converter of usb/rs-485 interfaces
For more information
about LUMEL's
products please visit
our website:
www.lumel.com.pl
PD10-19.A
Safety and compatibility requirements
Electromagnetic compatibility
Noise immunity
acc. to EN 61000-6-2
Fastness against supply decays
acc. to EN 61000-6-2
Emission of radio electric perturbations acc. to EN 61000-6-4
acc. to EN 61010-6-1
Pollution level
2
Installation category
III
Maximum phase-to-earth opera-
ting voltage
50 V
Rated operating conditions
Supply voltage
5 V d.c. collected from the USB port
Input power: ≤ 1.5 W
Temperature
Ambient: 0...55°C
Storage: 0...70 °C
Relative humidity
< 85%
Operating position
any
External magnetic field
400 A/m
Admissible sinusoidal vibrations Frequency: 10..150 Hz
Shift amplitude: ≤ 0.35 mm
Time of readiness obtainment
since the device connection
≥ 16 s
Code
Description
PD10 00M0 Interface converter USB/ RS-485;
documentation and descriptions in Polish and English version,
test certificate



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com