Electronic Components Datasheet Search
  English  ▼

X  

PD20 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # PD20
Description  USB/RS-485 INTERFACE CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

PD20 Datasheet(HTML) 2 Page - LUMEL S.A.

  PD20 Datasheet HTML 1Page - LUMEL S.A. PD20 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.lumel.com.pl
2
PD20 - USB/RS-485 INTERFACE CONVERTER
GALVANICISOLATION
FEATURES
INPUT
OUTPUT
TECHNICAL DATA
RATED OPERATING CONDITIONS
Supply voltage
5 V d.c. collected from the USB port
Pobór mocy ≤ 1,5 VA
Galvanic seperation
USB/RS-485
2.2 kV
Temperature
ambient: 0...40°C
storage: 0...70°C
Relative humidity
85%
without condensation
Operating position
any
DIGITAL INTERFACE
Interface type
Baud rate
Steering of the data flow direction
Drivers
USB standard
RS-485 / USB
up to 115.2 kbps
automatically
Windows XP/Vista/7/8/8.1/10/11, Windows Server
2003/2008/2012/2016/2019/2022 (32 / 64 bit)
USB 2.0 (Full Speed)
SAFETY AND COMPATIBILITY REQUIREMENTS
Electromagnetic compatibility
Noise immunity
acc. to EN 61000-6-2
Fastness against supply decays
acc. to EN 61326-1 (Table 2)
Emission of radio electric perturbations
acc. to EN 61000-6-4
Pollution level
2
acc. to EN 61010-6-1
Maximum phase-to-earth operating
voltage
< 50 V
acc. to EN 61010-6-1
RS
485
USB
RS
485
USB
EXTERNAL FEATURES
Weight
ca. 20 g
External dimensions
76 x 25 x 20 mm
Protection grade (acc. to EN 60529)
housing: IP40
terminals: IP20
Housing
portable
CONNECTION DIAGRAMS
ORDERING CODE
PD20-19_en
-10..10
V
Code
Description
PD20 00M0
Interface converter USB/ RS-485;
documentation and descriptions in Polish and English version,
test certificate
LUMEL S.A.
ul. Słubicka 4, 65-127 Zielona Góra, Poland
tel.: +48 68 45 75 100, fax +48 68 45 75 508
www.lumel.com.pl
Export department:
tel.: (+48 68) 45 75 130, 45 75 131, 45 75 132
e-mail: export@lumel.com.pl
Calibration & Attestation:
e-mail: laboratorium@lumel.com.pl
Technical support:
tel.: (+48 68) 45 75 143, 45 75 141, 45 75 144, 45 75 140
e-mail: export@lumel.com.pl



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com