Electronic Components Datasheet Search
  English  ▼

X  

PD51 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # PD51
Description  converter of rs-232/rs-485 interfaces
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

PD51 Datasheet(HTML) 2 Page - LUMEL S.A.

  PD51 Datasheet HTML 1Page - LUMEL S.A. PD51 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Export department:
English: +48 68 45 75 139/
233/321/386
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Sulechowska 1
65-022 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
Connection diagrams
PD51-converterofrs-232/rs-485interfaces
For more information
about LUMEL's
products please visit
our website:
www.lumel.com.pl
PD51-19
Safety and compatibility requirements
Electromagnetic compatibility
Noise immunity
acc. to EN 61000-6-2
Fastness against supply decays
acc. to EN 61000-6-2
Emission of radio electric perturbations acc. to EN 61000-6-4
acc. to EN 61010-6-1
Pollution level
2
Installation category
III
Maximum phase-to-earth
operating voltage
For supply circuits: 300 V,
For other circuits: 50 V
* after agreeing with the manufacturer
6
PD51
RxD
TxD
12 3 4 5
7 8 910
RS-232
RS-485
RS-485
7... ...35V
24
Supply
Rated operating conditions
Supply voltage
7...35 V d.c. or
20...24...40 V a.c./d.c. or
85...230...253 V a.c./d.c.
Input power: ≤ 1.5 Va
Supply frequency:
40...50...440 Hz
Temperature
Ambient: 0...23...55°C
Storage: 0...70 °C
Relative humidity
< 85%
Operating position
any
External magnetic field
400 A/m
Admissible sinusoidal vibrations Frequency: 10..150 Hz
Shift amplitude: ≤ 0.35 mm
Version A3
Version A1 and A2
ordering
Converter of RS-232/RS-485 interfaces XX XX X
Supply voltage:
on-rail version:
85..230..253 V a.c/d.c.
A1
20..24..40 V a.c./d.c.
A2
7..24..35 V d.c.
A3
Version:
standard
00
custome - made *
XX
Acceptance tests:
without additional requirements
8
with an extra quality inspection certificate
7
acc.to customer’s request *
X
Ordering example:
The code: PD51 - A1 00 7 means:
PD51 - Converter of PD51 type
A1 - supply voltage: 85...230...253 V a.c./d.c.
00 - standard version
7 - with an extra quality inspection certificate
6
PD51
RxD
TxD
12 3 4 5
7 8 910
RS-232
RS-485
RS-485
85......253 V
230
20... ...40V
24
Supply



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com