Electronic Components Datasheet Search
  English  ▼

X  

FMPB1002 Datasheet(PDF) 7 Page - Infinite Electronics International, Inc.

Part # FMPB1002
Description  Coaxial RF GS Probe with 800 Micron Pitch Up to 20 GHz with 3.5mm Interface and Cable Mount
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMPB1002 Datasheet(HTML) 7 Page - Infinite Electronics International, Inc.

  FMPB1002 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMPB1002 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMPB1002 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMPB1002 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMPB1002 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMPB1002 Datasheet HTML 6Page - Infinite Electronics International, Inc. FMPB1002 Datasheet HTML 7Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.1 Page 7 of 7
*STANDARD TOLERANCES APPLY
ONLY TO DIMENSIONS IN INCHES
STANDARD TOLERANCES
.X
±0.2
.XX
±0.01
.XXX ±0.005
.24
6.0
5.0mm FLATS
1/4-36 UNS-2A
1.15
29.3
.22
5.5
.39
10.0
A
3.5mm FEMALE
.03
0.7
.031
0.80
DETAIL A
SIGNAL
GROUND
SHEET
3FKR5
CAGE CODE
DWG NO
ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM
FAIRVIEW MICROWAVE INC.
SIZE A
SCALE N/A
CAD FILE
NOTES:
1. UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL.
2. ALL SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE AT ANY TIME.
3. DIMENSIONS ARE IN INCHES [mm].
TITLE
FMPB1002
7361
1 OF 1
011118
FMPB1002
DATA SHEET
Coaxial RF GS Probe with 800 Micron Pitch Up to 20
GHz with 3.5mm Interface and Cable Mount



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com