Electronic Components Datasheet Search
  English  ▼

X  

FMPB1005 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # FMPB1005
Description  Coaxial RF GSG Probe with 1,500 Micron Pitch Up to 40 GHz with 2.92mm Interface and Cable Mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMPB1005 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  FMPB1005 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMPB1005 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMPB1005 Datasheet HTML 3Page - Infinite Electronics International, Inc. FMPB1005 Datasheet HTML 4Page - Infinite Electronics International, Inc. FMPB1005 Datasheet HTML 5Page - Infinite Electronics International, Inc. FMPB1005 Datasheet HTML 6Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Typical Performance Data
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
4
8
12
16
20
24
28
32
36
40
GHz
VSWR using Du5880 5 mil Grounded Coplanar Waveguide Trace
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
0
4
8
12
16
20
24
28
32
36
40
GHz
VSWR using Du5880 5 mil Top Ground Trace
301 Leora Ln., Suite 100, Lewisville, TX 75056 | Tel: 1-800-715-4396 / (972) 649-6678 / Fax: (972) 649-6689
REV 1.0 Page 2 of 6
FMPB1005
DATA SHEET



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com