Electronic Components Datasheet Search
  English  ▼

X  

SM2 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # SM2
Description  module of analog inputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

SM2 Datasheet(HTML) 2 Page - LUMEL S.A.

  SM2 Datasheet HTML 1Page - LUMEL S.A. SM2 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Export department:
+48 68 45 75 130
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Słubicka 4
65-127 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
Connection diagrams
SM2 moduleofanaloginputs
For more information
about LUMEL's
products please visit
our website:
www.lumel.com.pl
SM2-19.B
* after agreeing with the manufacturer
Supply
Input signals
OC type
PC computer
RS-232 socket
SM2 module
Connection way
of external signals
Connection way of the RS-485 interface
Ordering
Module of analog inputs - SM2
XX X X
Input signal :
4 voltage inputs
0...10 V
00
4 current inputs
0/4...20 mA
01
2 voltage inputs + 2 current inputs
0...10 V+0/4...20 mA
02
4 resistance inputs 0...400 Ω or Pt100
03
Supply:
85...253 V a.c./d.c.
1
20...50 V a.c./d.c.
2
Acceptance tests:
without additional quality inspection requirements
8
with an extra quality inspection certificate
7
other quality requirements *
X
Ordering example:
The code SM2 - 01 1 8 means:
SM2 - module of SM2 type
01 - 4 current inputs:
0/4...20 mA
1 - supply: 85...253 V a.c./d.c.
8 - without additional quality
inspection requirements
Rated operating conditions
Supply voltage
85...253 V a.c./d.c. (40...400 Hz) or d.c.
20...50 V a.c./d.c. (40...400 Hz) or d.c.
Input power: ≤ 4 VA
Temperature
ambient: -10...23...55°C
Relative humidity
< 95%
Operating position
on a TS35 rail
External magnetic field
< 400 A/m
Safety and compability requirements
Electromagnetic compability
Noise immunity
acc. to EN 61000-6-2
Noise emissions
acc. to EN 61000-6-4
Isolation between circuits
acc. to EN 61010-1
Pollution level
2
Installation category
III
Maximum phase-to-earth operating voltage Supply: 300 V, input 50 V,
Output: 50 V
Altitude a.s.l.
2000 m
Connection way of external signals
Measured signal
4 voltage inputs
4 current inputs
2 voltage inputs
+ 2 current inputs
4 RTD inputs in a 2-wire system
orresistancemeasurement
or
SM2 module
RS-485 socket
RS-232/RS-485
Converter
PC computer
PC computer with a RS-485 card
Connection way of input signals
Connection way
of the RS-232 interface
4 x 0...10 V
4 x 0/4...20 mA
2 x 0...10 V 2 x 0/4...20 mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com