Electronic Components Datasheet Search
  English  ▼

X  

SM51007 Datasheet(PDF) 2 Page - LUMEL S.A.

Part # SM51007
Description  module of logic inputs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEL [LUMEL S.A.]
Direct Link  https://www.lumel.com.pl/en/
Logo LUMEL - LUMEL S.A.

SM51007 Datasheet(HTML) 2 Page - LUMEL S.A.

  SM51007 Datasheet HTML 1Page - LUMEL S.A. SM51007 Datasheet HTML 2Page - LUMEL S.A.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Export department:
+48 68 45 75 130
e-mail: export@lumel.com.pl
LUMEL S.A.
ul. Słubicka 4
65-127 Zielona Góra
POLAND
WWW.LUMEL.COM.PL
Connection diagrams
SM5 moduleoflogicinputs
For more information
about LUMEL's
products please visit
our website:
www.lumel.com.pl
SM5-19.C
SM5 module
PD51
converter
PC computer
PC computer with RS-485
Supply depending
on the version code
( 80...253 V a.c./d.c.
or 20...50 V a.c./d.c.)
Electrical connection
of the SM5 logic input module
Safety and compability requirements
Electromagnetic compatibility
Noise immunity
acc. to EN 61000-6-2
Noise emissions
acc. to EN 61000-6-4
Isolation between circuits
acc. to EN 61010-1
Pollution level
2
Installation category
III
Maximum phase-to-earth operating voltage Supply: 300 V, input 50 V,
Output: 50 V
Altitude a.s.l.
2000 m
RS-232 socket
SM5 module
PC computer
Connection
of RS-232 interface
Ordering example:
The code SM5 - 1 00 7 means:
SM5 - module of SM5 type
1 - supply voltage: 85...253 V a.c./d.c.
00 - standard version
7 - with an extra quality inspection certificate
Ordering
Module of logic inputs - SM5
X
XX
X
Supply:
85...253 V a.c./d.c.
1
20...50 V a.c./d.c.
2
Version:
standard
00
custom-made*
XX
Acceptance tests:
without additional quality inspection requirements
8
with an extra quality inspection certificate
7
acc.to customers request *
X
Termi-
nal No
Terminal description
1
GND line of logic inputs
2
IN 1 line - input no 1
3
IN 2 line - input no 2
4
IN 3 line - input no 3
5
IN 4 line - input no 4
6
IN 5 line - input no 5
7
IN 6 line - input no 6
8
IN 7 line - input no 7
9
IN 8 line - input no 8
10
Line 5 V d.c.
11,12 Lines of module supply
13...15 Not used
16
GND RS-485 line with optoisolation
17
Line A of RS-485 interface
with optoisolation
18
Line B of RS-485 interface
with optoisolation
Connection of RS-485
and RS-232 interfaces
Description of logic input module leads.
* after agreeing with the manufacturer



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com