Electronic Components Datasheet Search
  English  ▼

X  

ECF10N20 Datasheet(PDF) 2 Page - EXICON

Part # ECF10N20
Description  HIGH POWER 125W HIGH QUALITY AUDIO AMPLIFIER APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXICON [EXICON]
Direct Link  https://www.exicon.info
Logo EXICON - EXICON

ECF10N20 Datasheet(HTML) 2 Page - EXICON

  ECF10N20 Datasheet HTML 1Page - EXICON ECF10N20 Datasheet HTML 2Page - EXICON ECF10N20 Datasheet HTML 3Page - EXICON ECF10N20 Datasheet HTML 4Page - EXICON  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ECF10N20
BV
Drain – Source Breakdown Voltage
ID = 10mA
(ECF10)20
200
V
BV
Gate – Source Breakdown Voltage
VDS = 0
IG=+100uA
+14
V
V
Gate - Source Cut-O Voltage
VDS = 10V
ID = 100mA
0.15
1.5
V
V
*
Drain - Source Saturation Voltage
VGD = 0
ID = 8A
12
V
I
Drain - Source Cut - O Current
VDS = 160V
(ECF10)16
VDS =200V
(ECF10)20
Yfs*
Forward Transfer Admittance
VDS = 10V
ID = 3A
0.7
2
S
Characteristic
Test Conditions
MIN
TYP
MAX
UNIT
(T = 25°C unless otherwise stated)
C
STATIC CHARACTERISTICS
(T = 25°C unless otherwise stated)
C
DYNAMIC CHARACTERISTICS
-
-
VGS = -10V
mA
10
10
* Pulse Test: Pulse Width = 300s, Duty Cycle ≤ 2%
C
Input Capacitance
500
700
C
Output Capacitance
300
300
pF
C
Reverse Transfer Capacitance
10
25
t
Turn-on Time
100
120
t
Turn-o Time
50
60
80
Characteristic
Test Conditions
N-Channel
P-Channel
UNIT
VDS= 10V
f = 1MHz
VDS= 20V
ID = 7A
ns
DSX
GS(OFF)
GSS
DSX
DS(SAT)
iss
oss
rss
on
o
Tel: +44 (0)1702 543500
Fax: +44 (0)1702 543700
Rev:3.1
Exicon products are available at www.profusionplc.com
2
www.exicon.info



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com