Electronic Components Datasheet Search
  English  ▼

X  

UAD014MM Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # UAD014MM
Description  OUTLINE DRAWING
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

UAD014MM Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  UAD014MM Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SERIES "A" USB PLUG
P1
SERIES "A" USB PLUG
P2
1.9
E
MAY VARY
NONE
FSCM NO.
A
B
.05
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE
01/18/06
MCCORMICK
01845
SCALE:
SIZE
CAD FILE:
DWG. NO.
A
SHEET
OF
REV.
DATE
APPROVALS
DRAWN BY
CHECKED BY
APPROVED BY
1
2
3
4
5
6
CABLE LENGTH TOLERANCE
C
D
45 BEECHWOOD DRIVE
WITHOUT THE WRITTEN PERMISSION OF L-COM, INC. IS PROHIBITED.
OUTLINE DRAWING
A
B
C
D
1
2
3
4
5
6
7
8
UAD014MM-OD1
E
UAD014MM-OD1.SLDDRW
1
1
C.MCCORMICK
12/20/2002
REVISIONS
DESCRIPTION
APPROVED
REV
DATE
D.PARHAM
R.CARRICK
12/20/2002
12/20/2002
01/20/03
B
C
REVISED ADDED LOGO (ECN# 1291)
ECN#1605 ADDED COMPONENT SPECIFICATION TABLE
12/15/03
MCCORMICK
MCCORMICK
D
ECN# 1962 REVISED TOLERANCE & MODIFIED COMPONENT SPECIFICATION
.XXX
NORTH ANDOVER, MA
PROPERTY OF L-COM, INC. ANY REPRODUCTION IN PART OR WHOLE
<300" ±5%
>300" ±2%
DRAWING TITLE
01/26/05
7
8
MCCORMICK
ECN# 2294 REVISED TOLERANCE TO ONE PLACE
E
.005
SERIES "A" PLUG TO SERIES "A" PLUG ADAPTOR
PRODUCT DESCRIPTION
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES
TOLERANCES ARE:
.X
.1
.XX
CONFIGURATION DETAILS OF
UNDIMENSIONED FEATURES
43321
P1
P2
PIN 1
PIN 1
PIN 2
PIN 2
PIN 3
PIN 3
PIN 4
PIN 4
GRD
GRD
TABLE
Com ponent Specifications
Material
Overm old
PVC
Contacts
Brass
Insulator
PBT, UL 94V-0
Finish
Shell
Nickel Silver
Contacts
Gold over Nickel
Electrical
Current Rating
3 Amp
Dielectric Strength
1000V AC for one minute
Insulator Resistance
1000
min at 500V DC
USB 2.0 Com pliant
CS-155


Similar Part No. - UAD014MM

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
UAD014MM L-COM-UAD014MM Datasheet
67Kb / 1P
ADPT, USB A-M/A-M
12/20/00
More results

Similar Description - UAD014MM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSU10A40 ETC1-FSU10A40 Datasheet
115Kb / 5P
OUTLINE DRAWING
logo
M/A-COM Technology Solu...
OD-S-30 MA-COM-OD-S-30 Datasheet
392Kb / 3P
Outline Drawing
OD-S-31 MA-COM-OD-S-31 Datasheet
217Kb / 2P
Outline Drawing
OD-S-36 MA-COM-OD-S-36 Datasheet
99Kb / 1P
Outline Drawing
OD-S-111 MA-COM-OD-S-111 Datasheet
132Kb / 1P
Outline Drawing
OD-S-131 MA-COM-OD-S-131 Datasheet
92Kb / 1P
Outline Drawing
OD-S-137 MA-COM-OD-S-137 Datasheet
120Kb / 1P
Outline Drawing
OD-S-144 MA-COM-OD-S-144 Datasheet
113Kb / 1P
Outline Drawing
OD-S-150 MA-COM-OD-S-150 Datasheet
115Kb / 1P
Outline Drawing
OD-S-296 MA-COM-OD-S-296 Datasheet
131Kb / 1P
Outline Drawing
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com