Electronic Components Datasheet Search
  English  ▼

X  

BUW64B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUW64B
Description  Silicon NPN Power Transistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUW64B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUW64B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUW64B Datasheet HTML 2Page - Inchange Semiconductor Company Limited BUW64B Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon NPN Power Transistor
BUW64A/B/C
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP. MAX UNIT
VCEO
Collector-Emitter
Voltage
BUW64A
IC= 10mA ; IB= 0A
90
--
--
V
BUW64B
110
BUW64C
130
VCE(sat)-1
Collector-Emitter
Saturation Voltage
BUW64A/B
IC= 5A; IB= 0.5A
--
--
0.8
V
BUW64C
IC= 4A; IB= 0.4A
0.7
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 7A; IB= 0.7A
--
--
1.5
V
VBE(sat)
Base-Emitter
Saturation Voltage
BUW64A/B
IC= 5A; IB= 0.5A
--
--
1.5
V
BUW64C
IC= 4A; IB= 0.4A
1.4
ICBO
Collector-Base
Cutoff Current
BUW64A
VCB= 140V; IE= 0A
--
--
0.1
mA
BUW64B
VCB= 160V; IE= 0A
0.1
BUW64C
VCB= 180V; IE= 0A
0.1
IEBO
Emitter Cutoff Current
VEB= 7V; IC=0A
--
--
0.1
mA
hFE-1
DC Current Gain
IC= 0.2A ; VCE= 2V
30
--
--
--
hFE-2
DC Current Gain
BUW64A/B
IC= 5A ; VCE= 2V
20
--
--
--
BUW64C
IC= 4A ; VCE= 2V
20
PRODUCT DISCLAIMER
ISC reserves the rights to make changes of the content herein the datasheet at any time without
notification. The information contained herein is presented only as a guide for the applications of our
products.
ISC products are intended for usage in general electronic equipment. The products are not designed for



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com