Electronic Components Datasheet Search
  English  ▼

X  

DSEC60-06A Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # DSEC60-06A
Description  Fast Recovery Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

DSEC60-06A Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  DSEC60-06A Datasheet HTML 1Page - Inchange Semiconductor Company Limited DSEC60-06A Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fast Recovery Diode
DSEC60-06A
www.iscsemi.com
V2.0
1
FEATURES
· Very low leakage current
· Very short recovery time
· Very soft recovery behaviour
APPLICATIONS
· SMPS
· UPS
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
max. repetitive reverse blocking voltage
600
V
VRSM
max. non-repetitive reverse blocking voltage
600
V
IF(AV)
average forward current,TC=135℃,
rectangular d=0.5,TVJ=175℃
30
A
IFSM
max. forward surge current,10ms,50Hz,sine,VR=0V
250
A
IRMS
RMS current,per terminal
70
A
Ptot
total power dissipation
165
W
TVJ
virtual junction temperature
-55~175
℃
TOP
operation temperature
-55~150
℃
Tstg
storage temperature
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance, junction-to-case
0.9
℃
/W


Similar Part No. - DSEC60-06A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSEC60-06A IXYS-DSEC60-06A Datasheet
56Kb / 3P
HiPerFREDTM Epitaxial Diode with common cathode and soft recovery
More results

Similar Description - DSEC60-06A

ManufacturerPart #DatasheetDescription
logo
Power Semiconductors
ARF221 POSEICO-ARF221 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF241 POSEICO-ARF241 Datasheet
43Kb / 4P
FAST RECOVERY DIODE
ARF462 POSEICO-ARF462 Datasheet
105Kb / 2P
FAST RECOVERY DIODE
ARF565 POSEICO-ARF565 Datasheet
45Kb / 4P
FAST RECOVERY DIODE
ARF673 POSEICO-ARF673 Datasheet
104Kb / 2P
FAST RECOVERY DIODE
logo
Dynex Semiconductor
DF054 DYNEX-DF054 Datasheet
58Kb / 7P
Fast Recovery Diode
DF654 DYNEX-DF654 Datasheet
61Kb / 7P
Fast Recovery Diode
DSF8045SK DYNEX-DSF8045SK Datasheet
63Kb / 9P
Fast Recovery Diode
MDFB51 DYNEX-MDFB51 Datasheet
69Kb / 8P
Fast Recovery Diode
logo
Rohm
RF101L4S ROHM-RF101L4S Datasheet
116Kb / 4P
Fast recovery diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com