Electronic Components Datasheet Search
  English  ▼

X  

LA-E63F Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # LA-E63F
Description  Power TOPLED® Lens
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-E63F Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button LA-E63F Datasheet HTML 7Page - ams-OSRAM AG LA-E63F Datasheet HTML 8Page - ams-OSRAM AG LA-E63F Datasheet HTML 9Page - ams-OSRAM AG LA-E63F Datasheet HTML 10Page - ams-OSRAM AG LA-E63F Datasheet HTML 11Page - ams-OSRAM AG LA-E63F Datasheet HTML 12Page - ams-OSRAM AG LA-E63F Datasheet HTML 13Page - ams-OSRAM AG LA-E63F Datasheet HTML 14Page - ams-OSRAM AG LA-E63F Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LA E63F
DATASHEET
DATASHEET
11 | Version 1.9 | 2024-04-04
Max. Permissible Forward Current 5)
I
F = f(T)
OHL01413
0
0
20
40
60
80 ˚C 100
T
IF
20
40
60
80
mA
A
T
S
T
temp. ambient
temp. solder point
A
S
Τ
Τ
10
30
70
50
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 25 °C
0
A
OHL02046
p
t
F
I
-5
1
10
-4
10
10
-3
-2
10
10-1
0 10 10
s
2
10
0.02
0.04
0.06
0.08
0.10
0.12
P
t
D T
=
T
tP
IF
0.2
1
0.5
D =
0.1
0.005
0.01
=
0.02
0.05
D
Permissible Pulse Handling Capability
I
F = f(tp); D: Duty cycle; TA = 85 °C
0
A
OHL02045
p
t
F
I
-5
1
10
-4
10
10
-3
-2
10
10-1
0 10 10
s
2
10
0.02
0.04
0.06
0.08
0.10
0.12
P
t
D T
=
T
tP
IF
0.005
0.01
=
0.02
0.05
D
0.1
0.2
0.5
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com