Electronic Components Datasheet Search
  English  ▼

X  

MASW-008153 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MASW-008153
Description  SPDT High Isolation CATV Switch 5 - 1000 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW-008153 Datasheet(HTML) 3 Page - Tyco Electronics

  MASW-008153 Datasheet HTML 1Page - Tyco Electronics MASW-008153 Datasheet HTML 2Page - Tyco Electronics MASW-008153 Datasheet HTML 3Page - Tyco Electronics MASW-008153 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
3
SPDT High Isolation CATV Switch
5 – 1000 MHz
M/A-COM Products
Rev. V1
MASW-008153
ADVANCED: Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM has under develop-
ment. Performance is based on engineering tests. Specifications are typical. Mechanical outline has
been fixed. Engineering samples and/or test data may be available. Commitment to produce in
volume is not guaranteed.
Return Loss Off-state match
Insertion Loss RFC - RF2
Return Loss On-state match
Isolation RFC - RF2
Isolation RFC - RF1
Insertion Loss RFC - RF1
Typical Performance Curves
-2.0
-1.6
-1.2
-0.8
-0.4
0
200
400
600
800
1000
1200
+25C
-40°C
+85°C
Frequency (MHz)
-2.0
-1.6
-1.2
-0.8
-0.4
0
200
400
600
800
1000
1200
+25C
-40°C
+85°C
Frequency (MHz)
-120.0
-90.0
-60.0
-30.0
0.0
0
200
400
600
800
1000
1200
+25C
-40°C
+85°C
Frequency (MHz)
-120
-90
-60
-30
0
0
200
400
600
800
1000
1200
+25C
-40°C
+85°C
Frequency (MHz)
-45.0
-33.7
-22.5
-11.2
0.0
0
200
400
600
800
1000
1200
+25C
-40°C
+85°C
Frequency (MHz)
-45.0
-33.7
-22.5
-11.2
0.0
0
200
400
600
800
1000
1200
+25C
-40°C
+85°C
Frequency (MHz)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com