Electronic Components Datasheet Search
  English  ▼

X  

LA-E67F-01 Datasheet(PDF) 2 Page - ams-OSRAM AG

Part # LA-E67F-01
Description  Power TOPLED®
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-E67F-01 Datasheet(HTML) 2 Page - ams-OSRAM AG

  LA-E67F-01 Datasheet HTML 1Page - ams-OSRAM AG LA-E67F-01 Datasheet HTML 2Page - ams-OSRAM AG LA-E67F-01 Datasheet HTML 3Page - ams-OSRAM AG LA-E67F-01 Datasheet HTML 4Page - ams-OSRAM AG LA-E67F-01 Datasheet HTML 5Page - ams-OSRAM AG LA-E67F-01 Datasheet HTML 6Page - ams-OSRAM AG LA-E67F-01 Datasheet HTML 7Page - ams-OSRAM AG LA-E67F-01 Datasheet HTML 8Page - ams-OSRAM AG LA-E67F-01 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LA E67F.01
DATASHEET
DATASHEET
2 | Version 1.3 | 2024-12-11
Power TOPLED®
LA E67F.01
PowerTOPLED, a powerful member of the TOPLED
family. Thanks to their high luminous efficacy, the
LEDs are ideal for rear light clusters and indicators
on vehicles and for display panels for traffic control
systems.
Applications
- Functional Illumination
- Static Signaling
Features
- Package: white PLCC-4 package, colorless clear resin
- Chip technology: Thinfilm
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 617 nm (● amber)
- Corrosion Robustness Class: 3B
- Qualifications: AEC-Q102 Qualified with RV-level 1
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com