Electronic Components Datasheet Search
  English  ▼

X  

LA-H9PP Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # LA-H9PP
Description  OSLON® Black Flat
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LA-H9PP Datasheet(HTML) 1 Page - ams-OSRAM AG

  LA-H9PP Datasheet HTML 1Page - ams-OSRAM AG LA-H9PP Datasheet HTML 2Page - ams-OSRAM AG LA-H9PP Datasheet HTML 3Page - ams-OSRAM AG LA-H9PP Datasheet HTML 4Page - ams-OSRAM AG LA-H9PP Datasheet HTML 5Page - ams-OSRAM AG LA-H9PP Datasheet HTML 6Page - ams-OSRAM AG LA-H9PP Datasheet HTML 7Page - ams-OSRAM AG LA-H9PP Datasheet HTML 8Page - ams-OSRAM AG LA-H9PP Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LA H9PP
1 Version 1.12 | 2020-01-30
Produktdatenblatt | Version 1.1
www.osram-os.com
Applications
LA H9PP
OSLON® Black Flat
OSLON Black Flat is a new small size high-flux LED
for slim designs. The black package stands for high
stability.
—
Custom Tuning
Features:
—
Package: SMD epoxy package
—
Chip technology: Thinfilm
—
Typ. Radiation: 120° (Lambertian emitter)
—
Color: λ
dom = 617 nm (● amber)
—
Corrosion Robustness Class: 3B
—
Qualifications: AEC-Q102 Qualified
—
ESD: 8 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)


Similar Part No. - LA-H9PP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LA-H9PP OSRAM-LA-H9PP Datasheet
747Kb / 22P
SMD epoxy package
More results

Similar Description - LA-H9PP

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LSH9PP OSRAM-LSH9PP Datasheet
725Kb / 22P
OSLON Black Flat
SFH4735 OSRAM-SFH4735 Datasheet
629Kb / 13P
OSLON Black Flat
LCYH9PP OSRAM-LCYH9PP Datasheet
1Mb / 23P
OSLON Black Flat
LAH9PP OSRAM-LAH9PP Datasheet
747Kb / 22P
OSLON Black Flat
LYH9PP OSRAM-LYH9PP Datasheet
748Kb / 22P
OSLON Black Flat
LRH9PP OSRAM-LRH9PP Datasheet
726Kb / 22P
OSLON Black Flat
GHCSSRML.24 OSRAM-GHCSSRML.24 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-04-29
GDCSSRML.14 OSRAM-GDCSSRML.14 Datasheet
1Mb / 22P
OSLON® Optimal
Version 1.0 / 2022-07-07
logo
ams AG
SFH4715 AMSCO-SFH4715 Datasheet
1Mb / 18P
OSLON® Black OSLON Black Series (850 nm) - 90°
Version 1.6 2019-07-16
SFH4727S AMSCO-SFH4727S Datasheet
1Mb / 17P
OSLON® Black OSLON Black Series (940 nm) - 50°
Version 1.1 2020-08-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com