Electronic Components Datasheet Search
  English  ▼

X  

MP1510 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # MP1510
Description  SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

MP1510 Datasheet(HTML) 1 Page - Rectron Semiconductor

  MP1510 Datasheet HTML 1Page - Rectron Semiconductor MP1510 Datasheet HTML 2Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes
RECTRON
SEMICONDUCTOR
TECHNICAL SPECIFICATION
FEATURES
* Superior thermal desing
* 300 amperes surge rating
* 1/4
//
universal faston terminal
* Hole thru for # 10 screw
* UL listed the recognized component directory, file #E94233
* Epoxy: Device has UL flammability classification 94V-O
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
MP1505
THRU
MP1510
MAXIMUM RATINGS (At TA = 25
oC unless otherwise noted)
SINGLE-PHASE GLASS PASSIVATED
SILICON BRIDGE RECTIFIER
MP-15
MP-15W
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Volts
Volts
Amps
15.0
300
UNITS
Maximum Average Forward Output Current at Tc = 55
oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
50
200
400
100
600
800
1000
Volts
Amps
MP1505
MP152
MP154
MP151
MP156
MP158
MP1510
MECHANICAL DATA
ELECTRICAL CHARACTERISTICS (At TA = 25
oC unless otherwise noted)
NOTE: 1. Suffix ”W” for wire type
2005-3
REV: A
Operating and Storage Temperature Range
TJ,TSTG
-55 to + 150
0 C
DC Blocking Voltage per element
CHARACTERISTICS
VF
SYMBOL
IR
UNITS
1.1
0.5
mAmps
uAmps
Maximum Reverse Current at Rated
Maximum Forward Voltage Drop per element at 7.5A DC
Volts
@TA = 25
oC
@TC = 100
oC
5.0
MP1505
MP152
MP154
MP151
MP156
MP158
MP1510
Typical Thermal Resistance (from junction to case)
2
0 C/W
R
θ JC
Typical Thermal Resistance (from junction to ambient
R
θ JA
2. ”Fully ROHS compliant”,”100% Sn plating(Pb-free).
19


Similar Part No. - MP1510

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
MP1510 WTE-MP1510 Datasheet
42Kb / 3P
15A BRIDGE RECTIFIER
logo
Rectron Semiconductor
MP1510 RECTRON-MP1510 Datasheet
28Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes)
logo
Micro Commercial Compon...
MP1510 MCC-MP1510 Datasheet
81Kb / 2P
15 Amp Single Phase Bridge Rectifier 50 to 1000 Volts
logo
Won-Top Electronics
MP1510 WTE-MP1510 Datasheet
70Kb / 4P
15A SINGLE-PHASE BRIDGE RECTIFIER
logo
Galaxy Semi-Conductor H...
MP1510 BILIN-MP1510 Datasheet
101Kb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - MP1510

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
4RS201M RECTRON-4RS201M Datasheet
100Kb / 5P
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU8A GENESIC-GBU8A_16 Datasheet
346Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBU10J GENESIC-GBU10J_16 Datasheet
333Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC3506TW GENESIC-GBPC3506TW_16 Datasheet
341Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
GBPC15005TW GENESIC-GBPC15005TW_16 Datasheet
352Kb / 4P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBL401G GENESIC-KBL401G_16 Datasheet
312Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
KBP206G GENESIC-KBP206G_16 Datasheet
354Kb / 3P
Single Phase Glass Passivated Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com