Electronic Components Datasheet Search
  English  ▼

X  

LAY-T67B Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # LAY-T67B
Description  Multi TOPLED®
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LAY-T67B Datasheet(HTML) 5 Page - ams-OSRAM AG

  LAY-T67B Datasheet HTML 1Page - ams-OSRAM AG LAY-T67B Datasheet HTML 2Page - ams-OSRAM AG LAY-T67B Datasheet HTML 3Page - ams-OSRAM AG LAY-T67B Datasheet HTML 4Page - ams-OSRAM AG LAY-T67B Datasheet HTML 5Page - ams-OSRAM AG LAY-T67B Datasheet HTML 6Page - ams-OSRAM AG LAY-T67B Datasheet HTML 7Page - ams-OSRAM AG LAY-T67B Datasheet HTML 8Page - ams-OSRAM AG LAY-T67B Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LAY T67B
DATASHEET
DATASHEET
5 | Version 1.1 | 2022-09-28
Characteristics
I
F = 50 mA; TA = 25 °C
Parameter
Symbol
Values
Values
● amber
● yellow
Dominant Wavelength 3)
λ
dom
min.
typ.
max.
612 nm
617 nm
624 nm
586 nm
587 nm
592 nm
Viewing angle at 50% I
V
2φ
typ.
120 °
120 °
Forward Voltage 4)
I
F = 50 mA
V
F
min.
typ.
max.
1.90 V
2.10 V
2.50 V
1.90 V
2.20 V
2.50 V
Reverse current 2)
V
R = 12 V
I
R
typ.
max.
0.01 µA
10 µA
0.01 µA
10 µA
Temperature Coefficient of Peak Wavelength
TC
λpeak
typ.
0.15 nm / K
0.13 nm / K
Temperature Coefficient of Dominant Wavelength
TC
λdom
typ.
0.08 nm / K
0.1 nm / K
Temperature Coefficient of Forward Voltage
TC
VF
typ.
-1.7 mV / K
-3.7 mV / K
Real thermal resistance junction/solderpoint 5)
R
thJS real
max.
260 K / W
260 K / W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com