Electronic Components Datasheet Search
  English  ▼

X  

STQ1NE10L Datasheet(PDF) 1 Page - STMicroelectronics

Part # STQ1NE10L
Description  N-channel 100V - 0.3廓 - 1A - TO-92 STripFET??Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STQ1NE10L Datasheet(HTML) 1 Page - STMicroelectronics

  STQ1NE10L Datasheet HTML 1Page - STMicroelectronics STQ1NE10L Datasheet HTML 2Page - STMicroelectronics STQ1NE10L Datasheet HTML 3Page - STMicroelectronics STQ1NE10L Datasheet HTML 4Page - STMicroelectronics STQ1NE10L Datasheet HTML 5Page - STMicroelectronics STQ1NE10L Datasheet HTML 6Page - STMicroelectronics STQ1NE10L Datasheet HTML 7Page - STMicroelectronics STQ1NE10L Datasheet HTML 8Page - STMicroelectronics STQ1NE10L Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
January 2007
Rev 5
1/13
13
STQ1NE10L
N-channel 100V - 0.3
Ω - 1A - TO-92
STripFET™ Power MOSFET
General features
■ Exceptional high dv/dt capability
■ 100% avalanche tested
■ Avalanche rugged technology
■ Low threshold drive
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "Single Feature
Size™" strip-based process. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Applications
■ Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
STQ1NE10L
100V
<0.4
Ω
1A
TO-92
(Ammopack)
TO-92
www.st.com
Order codes
Part number
Marking
Package
Packaging
STQ1NE10L
Q1NE10L
TO-92
Tube
STQ1NE10L-AP
Q1NE10L
TO-92
Ammopak
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STQ1NE10L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STQ1NE10L STMICROELECTRONICS-STQ1NE10L Datasheet
311Kb / 9P
N-CHANNEL 100V - 0.3 ohm - 1A TO-92 STripFET™ POWER MOSFET
Dec-2002
More results

Similar Description - STQ1NE10L

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD5NE10L STMICROELECTRONICS-STD5NE10L Datasheet
43Kb / 6P
N - CHANNEL 100V - 0.3 ohm - 5A - DPAK/IPAK STripFET POWER MOSFET
Oct-1998
STN1NF10 STMICROELECTRONICS-STN1NF10 Datasheet
268Kb / 8P
N-CHANNEL 100V - 0.7ohm - 1A SOT-223 STripFET™ II POWER MOSFET
Oct-2001
STP7NE10 STMICROELECTRONICS-STP7NE10 Datasheet
50Kb / 5P
N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
Oct-1999
STP7NE10L STMICROELECTRONICS-STP7NE10L Datasheet
50Kb / 5P
N - CHANNEL 100V - 0.3 ohm - 7A - TO-220 STripFET POWER MOSFET
Oct-1999
STQ1NE10L STMICROELECTRONICS-STQ1NE10L Datasheet
311Kb / 9P
N-CHANNEL 100V - 0.3 ohm - 1A TO-92 STripFET™ POWER MOSFET
Dec-2002
STT1NF100 STMICROELECTRONICS-STT1NF100 Datasheet
97Kb / 6P
N-CHANNEL 100V - 0.7ohm - 1A SOT23-6L STripFET??II POWER MOSFET
Sep-2002
STB50NE10 STMICROELECTRONICS-STB50NE10_06 Datasheet
412Kb / 13P
N-channel 100V - 0.021Ω - 50A - D2PAK STripFET??Power MOSFET
26-Jun-2006
STE250NS10 STMICROELECTRONICS-STE250NS10_06 Datasheet
262Kb / 12P
N-channel 100V - 0.0045Ω - 220A - ISOTOP STripFET??Power MOSFET
04-Oct-2006
STE180NE10 STMICROELECTRONICS-STE180NE10_07 Datasheet
247Kb / 12P
N-channel 100V - 4.5m廓 - 180A - ISOTOP STripFET??Power MOSFET
20-Feb-2007
2N7000 STMICROELECTRONICS-2N7000_07 Datasheet
355Kb / 14P
N-channel 60V - 1.8Ω - 0.35A - SOT23-3L / TO-92 STripFET??Power MOSFET
03-Sep-2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com