Electronic Components Datasheet Search
  English  ▼

X  

SA153 Datasheet(PDF) 1 Page - YORKVILLE

Part # SA153
Description  15-INCH POWERED FULL RANGE LOUDSPEAKER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

SA153 Datasheet(HTML) 1 Page - YORKVILLE

  SA153 Datasheet HTML 1Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications
System Type
Full-Range Powered Speaker
Powered or Passive
Powered
Program Power (watts)
5000 watts peak
2600 watts program
Measured Max SPL (C-Weighted, Max Hold) 131dB Cont. 137dB Peak
Frequency Response (Hz +/- 3dB)
55 - 18k
Crossover Frequency (Hz)
400Hz, 7kHz
Cabinet Configuration
Patented Synergy Horn and
Paraline Lens Technology
LF Woofer
1 x 15” (3.5” Voice Coil)
HF Driver(s)
1 x MF/HF Co-ax Compression Driver
HF Dispersion (°H x °V)
22.5 x 45 Asymmetrical
(10 Up, 35 Down)
Power Cable
Removable Locking Powercon
True Input and Loop Thru Output
Level Controls
Volume
EQ Controls
HF/MF Boost select,
Fullrange/Sub switch
Inputs
1 XLR, 2 x XLR Loop
Standard Rigging Hardware
RAIL and LOCKBAR Rigging System
(Top and Bottom)
Stacking Feature
Interlocking UHMW Feet
(Top and Bottom)
Bar Handles
2 (Sides)
Pole Mount Adapter (1 3/8-inch/3.5cm)
1 (Bottom)
Enclosure Materials
Multi-ply 15mm Birch Plywood
Grille
Powdered Coated Perforated Steel
Covering / Finish
Paint
Dimensions (DWH xbackW, inches)
24 x 21 x 26.5 x 12.25
Dimensions (DWH xbackW, cm)
60.9 x 53.3 x 67.3 x 31.1
Weight (lbs/kg)
115 / 52.1
Box Dimensions (LxWxH, inches)
26 x 24.5 x 30.5
Box Dimensions (LxWxH, cm)
66 x 62 x 78
Specifications subject to change without notice
Features
l
5000 Watts (Peak) 2600 Watts (Program)
l
15-inch woofer with 3.5-inch voice coil
l
MF/HF Co-ax Compression Driver
l
Patented Paraline Horn Lens and Synergy
Horn technologies
l
Dispersion (°H x °V): 22.5x45 Asymmetrical
(10 Up, 35 Down)
l
MAX SPL (C-Weighted, Max Hold):
131dB Continuous, 137dB Peak
l
Made in Canada
Overview
The Synergy Array Series is a truly revolutionary active point
source system with unmatched flexibility, power, and directivity
control. The Synergy System offers users unrivaled simplicity
without sacrificing sonic performance.
The Synergy Array Series consists of the SA153 full-range pow-
ered cabinet, along with the SA315S powered subwoofer. This
dynamic duo makes the ultimate point source speaker system
scale-able for club gigs of all sizes, outdoor festivals, inclined
seating venues, and arenas. Never before has a large point source
system with this much output and sound quality been this easy to
set up and use.
SA153
15-INCH POWERED FULL RANGE LOUDSPEAKER
yorkville.com
SA153
Optional Synergy Series Accessories
Pick Up Bar (SAPICKUPBAR1)
Single column cabinet hanging hardware (2xSA153 Plus 1xSA315S MAX)
Flying Bumper (SABUMPER1)
4 wide flying bumper (8xSA153 Plus 4xSA315S MAX)
Cabinet Dolly (SADOLLY1)
Holds 2 x SA153 stacked or 1 x SA315S


Similar Part No. - SA153

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SA15 PANJIT-SA15 Datasheet
169Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Won-Top Electronics
SA15 WTE-SA15 Datasheet
68Kb / 5P
500W TRANSIENT VOLTAGE SUPPRESSORS
logo
Bytes
SA15 BYTES-SA15 Datasheet
313Kb / 4P
500 WATT PEAK POWER TRANSIENT VOLTAGE SUPPRESSORS
logo
Dc Components
SA15 DCCOM-SA15 Datasheet
792Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SA15 EIC-SA15 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - SA153

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Systemsensor advanced i...
SPH-15 SYSTEMSENSOR-SPH-15 Datasheet
285Kb / 2P
Horn Loudspeaker
logo
Gamewell-FCI by Honeywe...
UDT GAMEWELL-FCI-UDT Datasheet
478Kb / 2P
LOUDSPEAKER APPLIANCES
logo
Altech corporation
PS-1515 ALTECH-PS-1515 Datasheet
330Kb / 2P
Universal AC input/Full range
logo
Silicon Laboratories
AN329 SILABS-AN329 Datasheet
115Kb / 4P
EXTENDING THE FULL-SCALE RANGE
logo
Mean Well Enterprises C...
DRA-40 MEANWELL-DRA-40 Datasheet
167Kb / 5P
UNIVERSAL AC INPUT/FULL RANGE
EDR-150 MEANWELL-EDR-150 Datasheet
571Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
IRM-03 MEANWELL-IRM-03 Datasheet
583Kb / 4P
UNIVERSAL AC INPUT/FULL RANGE
RCP-1U MEANWELL-RCP-1U Datasheet
232Kb / 6P
UNIVERSAL AC INPUT / FULL RANGE
logo
Total Power Internation...
SP-150 TOTAL-POWER-SP-150 Datasheet
400Kb / 2P
Universal AC input / full range
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com