Electronic Components Datasheet Search
  English  ▼

X  

TX4 Datasheet(PDF) 1 Page - YORKVILLE

Part # TX4
Description  2-Way Trapezoid
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YORKVILLE [YORKVILLE]
Direct Link  https://yorkville.com/
Logo YORKVILLE - YORKVILLE

TX4 Datasheet(HTML) 1 Page - YORKVILLE

  TX4 Datasheet HTML 1Page - YORKVILLE TX4 Datasheet HTML 2Page - YORKVILLE  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TX
Passive Series
TX4
Overview
The compact and efficient TX4 features the same 2" high frequency
driver as the TX8, but mounted on a slightly shorter horn. The 4" voice
coil of the proprietary B&C 15" woofer provides increased output to
keep pace with the efficient 2" high frequency driver while ensuring
safe operation at high sound pressure levels.
Governed by the TX4P processor, the carefully chosen crossover point
matches the directivity characteristics of the woofer to the horn,
resulting in smooth horizontal coverage and a seamless transition in
the all-important midband. Top and bottom flytrack and fixed eyebolt
connections provide flexible yet cost effective flying capability.
The TX4P processor has been engineered specifically for the TX4 to
ensure maximum system performance. In case of accidental operation
without the TX4P, the TX4 comes with passive horn protection built in
which does not interfere with the TX4P's crossover slopes.
Features
• High efficiency, compact trapezoidal enclosure design
• Advanced horn technology
• Ultra-low distortion at extreme sound pressure levels
• Solid 13-ply Baltic birch enclosures with rigid bracing
• Accurate, flexible ATM Fly-Ware™ AMTS series internal
bumper and flytrack system Excellent 'flown' performance
in accurately formatted arrays
• Outstanding long distance projection
• Consistent box to box production using advanced quality
assurance methodology & CAD/CAM technology
• Fool proof protection & crossover networks using dependable
and simple to use yet highly advanced analog signal processors
• Speakon™ four interconnects throughout
• Enclosure dimensions configured for optimum truck pack
yorkville.com


Similar Part No. - TX4

ManufacturerPart #DatasheetDescription
logo
Altech corporation
TX4 ALTECH-TX4 Datasheet
586Kb / 1P
FEED THROUGH TERMINAL BLOCKS
logo
Omega Engineering, Inc.
TX4-100 OMEGA-TX4-100 Datasheet
152Kb / 1P
Economical Wall-Mount Environmental Sensors and Transmitters
logo
Mini-Circuits
TX4-62HP MINI-TX4-62HP Datasheet
262Kb / 2P
RF Transformer
TX4-62HP+ MINI-TX4-62HP+ Datasheet
262Kb / 2P
RF Transformer
logo
AUREL S.p.A.
TX4-RP-CP-433-N AUREL-TX4-RP-CP-433-N Datasheet
124Kb / 1P
Universal remote cloner
15.10.2016 - Rev A
More results

Similar Description - TX4

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
AT04-2P AMPHENOL-AT04-2P Datasheet
524Kb / 1P
Recpt, 2 Way
logo
Innovative Power Produc...
IPP-1025 IPP-IPP-1025 Datasheet
64Kb / 1P
OUTLINE 2 WAY
IPP-1092 IPP-IPP-1092 Datasheet
76Kb / 1P
OUTLINE 2 WAY
IPP-1141 IPP-IPP-1141 Datasheet
63Kb / 1P
OUTLINE 2 WAY
IPP-1188 IPP-IPP-1188 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1217 IPP-IPP-1217 Datasheet
61Kb / 1P
OUTLINE 2-WAY
IPP-1228 IPP-IPP-1228 Datasheet
63Kb / 1P
OUTLINE 2-WAY
IPP-1241 IPP-IPP-1241 Datasheet
64Kb / 1P
OUTLINE 2-WAY
IPP-5006 IPP-IPP-5006 Datasheet
52Kb / 1P
OUTLINE 2-WAY
logo
Pulse A Technitrol Comp...
CX4002LNL PULSE-CX4002LNL Datasheet
300Kb / 2P
SPLITTER, 2-WAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com