Electronic Components Datasheet Search
  English  ▼

X  

MCL001 Datasheet(PDF) 1 Page - Optronics International

Part # MCL001
Description  LED 2" Round Sealed Flange Mount Marker/Clearance Light with Reflex
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTRONICS [Optronics International]
Direct Link  https://www.optronicsinc.com/
Logo OPTRONICS - Optronics International

MCL001 Datasheet(HTML) 1 Page - Optronics International

  MCL001 Datasheet HTML 1Page - Optronics International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Optronics International ­ www.optronicsinc.com ­ 888­654­0429
MCL001 SERIES
LED 2" Round Sealed Flange Mount Marker/Clearance
Light with Reflex
Sonically sealed, waterproof
Recess flange mount design
Available with angled weathertight 2­pin connection or hard wired with butt connectors
on leads
Built­in reflex eliminates the need for a separate reflector
Available in bulk and polypack packaging
Lifetime LED Warranty
Products
Bulk
Polypack
Diodes
Description
Qty
MCL001AXMB
MCL001AXMBP
1
Yellow 2" marker/clearance light with
reflex, angled weathertight connection
50
MCL001AXHWB
MCL001AXHWBP
1
Yellow 2" marker/clearance light with
reflex, hard wired (black=power,
white=ground), butt connectors on
leads
50
MCL001RXMB
MCL001RXMBP
1
Red 2" marker/clearance light with
reflex, angled weathertight connection
50
MCL001RXHWB
MCL001RXHWBP
1
Red 2" marker/clearance light with
reflex, hard wired (black=power,
white=ground), butt connectors on
leads
50
Accessories
Bulk
Polypack
Diodes
Description
Qty
Specifications
FMVSS:
P2 A
MATERIALS:
Polycarbonate lens and housing
VOLT/AMP:
12.8V ­ 0.03A
WT/DIMS:
0.04 lbs. / 3.07" x 3.07" x 1.56" Hole cut­out: 2.1" diameter
WARRANTY:
Lifetime LED Warranty


Similar Part No. - MCL001

ManufacturerPart #DatasheetDescription
logo
Optronics International
MCL002 OPTRONICS-MCL002 Datasheet
136Kb / 1P
LED 2.5" Recess Flange Mount Marker/Clearance Lights
MCL0028ABB OPTRONICS-MCL0028ABB Datasheet
136Kb / 3P
Replacement lenses
MCL0028RBB OPTRONICS-MCL0028RBB Datasheet
136Kb / 3P
Replacement lenses
MCL002AFYB OPTRONICS-MCL002AFYB Datasheet
136Kb / 1P
LED 2.5" Recess Flange Mount Marker/Clearance Lights
MCL002AXB OPTRONICS-MCL002AXB Datasheet
136Kb / 1P
LED 2.5" Recess Flange Mount Marker/Clearance Lights
More results

Similar Description - MCL001

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
13071A DIALIGHT-13071A Datasheet
71Kb / 1P
LED Mini Marker/ Clearance Lamps
15071A DIALIGHT-15071A Datasheet
75Kb / 1P
LED Marker/Clearance Lamps
P46-1R05-C01 DIALIGHT-P46-1R05-C01 Datasheet
203Kb / 2P
5 1/2??Round Rail Car LED Marker Lamp
logo
Lucky Light Electronic
LL-1004BD2D-B4-2G LUCKY-LIGHT-LL-1004BD2D-B4-2G Datasheet
136Kb / 7P
10mm Round With Flange Blue LED Technical Data Sheet
LL-304VC2L-V1-2B LUCKY-LIGHT-LL-304VC2L-V1-2B Datasheet
134Kb / 7P
3mm Round With Flange Type Hyper Red LED
LL-304VC4B-V1-4ID LUCKY-LIGHT-LL-304VC4B-V1-4ID Datasheet
133Kb / 7P
3mm Round With Flange Type Hyper Red LED
LL-304VC4B-V1-TSD LUCKY-LIGHT-LL-304VC4B-V1-TSD Datasheet
132Kb / 7P
3mm Round With Flange Type Ultra Red LED
logo
Harwin Plc
R4780-02 HARWIN-R4780-02 Datasheet
149Kb / 1P
CLEARANCE SPACER-ROUND
R6680-02 HARWIN-R6680-02 Datasheet
130Kb / 1P
CLEARANCE SPACER-ROUND
logo
Shanghai Cyanlite Techn...
PR28WD40 CYANLITE-PR28WD40 Datasheet
1Mb / 3P
LED Round Panel Light - CYNTHIA
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com