Electronic Components Datasheet Search
  English  ▼

X  

20GIT Datasheet(PDF) 1 Page - Pro-Power

Part # 20GIT
Description  Installation Accessories Malleable Conduit Fittings
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

20GIT Datasheet(HTML) 1 Page - Pro-Power

  20GIT Datasheet HTML 1Page - Pro-Power 20GIT Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Installation Accessories
Malleable Conduit Fittings
Page 1
01/02/08 V1.0
Description
Finish
Size
Pack Size
Part Number
Inspection Tee
Black
20
20
20BIT
Inspection Elbow
20BIE
25
25BIE
Inspection Tee
Galvanized
20
20GIT
25
10
25GIT
Inspection Elbow
20
25
20GIE
25
20
25GIE
Specifications
Dimensions : Millimetres
20GIE
20GIT


Similar Part No. - 20GIT

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
20G0.5 BELDEN-20G0.5 Datasheet
157Kb / 2P
MachFlex™ 350YY, 19C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
20G0.5-010100M BELDEN-20G0.5-010100M Datasheet
157Kb / 2P
MachFlex™ 350YY, 19C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
20G0.5-010200M BELDEN-20G0.5-010200M Datasheet
157Kb / 2P
MachFlex™ 350YY, 19C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
20G0.5-010300M BELDEN-20G0.5-010300M Datasheet
157Kb / 2P
MachFlex™ 350YY, 19C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
20G0.5-G8U100M BELDEN-20G0.5-G8U100M Datasheet
157Kb / 2P
MachFlex™ 350YY, 19C1G 0.5 mm² Str BC, PVC Ins, PVC Jkt
03-19-2024
More results

Similar Description - 20GIT

ManufacturerPart #DatasheetDescription
logo
EPCOS
B84298A0044L EPCOS-B84298A0044L Datasheet
155Kb / 2P
Installation Accessories
B84298A0046L EPCOS-B84298A0046L Datasheet
130Kb / 2P
Installation Accessories
B84298M EPCOS-B84298M Datasheet
269Kb / 5P
Installation Accessories
logo
Glenair, Inc.
M24758-6-16-A GLENAIR-M24758-6-16-A Datasheet
79Kb / 1P
Conduit-to-Pipe Fittings
logo
Advantech Co., Ltd.
UTC-520 ADVANTECH-UTC-520 Datasheet
262Kb / 1P
Installation Accessories
logo
List of Unclassifed Man...
BS20 ETC2-BS20 Datasheet
107Kb / 2P
Conduit Accessories
logo
Heyco.
8398 HEYCO-8398 Datasheet
130Kb / 1P
Heyco-Flex™ Liquid Tight Conduit Fittings
8500 HEYCO-8500_V01 Datasheet
143Kb / 1P
Heyco-Flex™ Quick Twist Conduit Fittings
H8501 HEYCO-H8501 Datasheet
144Kb / 1P
Heyco® Nylon Conduit Fittings - Straight-Thru
H8601 HEYCO-H8601 Datasheet
157Kb / 1P
Heyco® Nylon Conduit Fittings - 90° Sweep Fittings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com