Electronic Components Datasheet Search
  English  ▼

X  

89TBLACK Datasheet(PDF) 1 Page - Pro-Power

Part # 89TBLACK
Description  Gaffa Tape
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

89TBLACK Datasheet(HTML) 1 Page - Pro-Power

  89TBLACK Datasheet HTML 1Page - Pro-Power 89TBLACK Datasheet HTML 2Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Gaffa Tape
Page 1
22/12/07 V1.0
Specifications
Material
Material
Thickness
Minimum
Operating
Temperature
(°C)
Maximum
Operating
Temperature
(°C)
Colour
Tape Width
Tape Length
(m)
Part Number
Cloth
0.31
-5
50
Black
50
50
89T BLACK
Silver
89T SILVER
Blue
89T BLUE
Green
89T GREEN
Yellow
89T YELLOW
Red
89T RED
Multicoloured
89T MULTI
Dimensions : Millimetres (Unless Specified)


Similar Part No. - 89TBLACK

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
89TSF500 RENESAS-89TSF500 Datasheet
878Kb / 38P
Switch Fabric
April 13, 2005
89TSF500BR RENESAS-89TSF500BR Datasheet
878Kb / 38P
Switch Fabric
April 13, 2005
89TSF552 RENESAS-89TSF552 Datasheet
955Kb / 39P
Switch Fabric Data Sheet
June 17, 2005
logo
Integrated Device Techn...
89TSF552BL IDT-89TSF552BL Datasheet
374Kb / 30P
Traffic Manager Co-processor
89TSF553B IDT-89TSF553B Datasheet
374Kb / 30P
Traffic Manager Co-processor
More results

Similar Description - 89TBLACK

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AN-0004 ANADIGICS-AN-0004 Datasheet
66Kb / 6P
TAPE DIMENSIONS 12 mm Tape
05/2003
logo
3M Electronics
1500 3M-1500 Datasheet
175Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1501 3M-1501 Datasheet
173Kb / 2P
Venture Tape™ Cloth Duct Tape
Apr-2015
1506R 3M-1506R Datasheet
141Kb / 2P
Venture Tape™ Polyethylene Tape
Apr-2015
1507 3M-1507 Datasheet
271Kb / 2P
Venture Tape™ Line Set Tape & Venture Tape™ Reflective
Jan-2017
1517CW 3M-1517CW Datasheet
209Kb / 2P
Venture Tape™ Aluminum Foil Tape
Aug-2017
1520CW 3M-1520CW Datasheet
252Kb / 2P
Venture Tape™ Aluminum Foil Tape
Jan-2017
1525CW 3M-1525CW Datasheet
207Kb / 2P
Venture Tape™ FSK Facing Tape
Oct-2017
1537CW 3M-1537CW Datasheet
248Kb / 2P
Venture Tape™ Facing Tape
Sep-2017
3520CW 3M-3520CW Datasheet
236Kb / 2P
Venture Tape™ Aluminum Foil Tape
Jan-2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com