Electronic Components Datasheet Search
  English  ▼

X  

30734 Datasheet(PDF) 1 Page - Pro-Power

Part # 30734
Description  Automotive Wire Tinned Stranded to BS4808
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROPOWER [Pro-Power]
Direct Link  
Logo PROPOWER - Pro-Power

30734 Datasheet(HTML) 1 Page - Pro-Power

  30734 Datasheet HTML 1Page - Pro-Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Page <1>
V1.0
19/09/13
Automotive Wire
Tinned Stranded to BS4808
Features:
• Plain annealed copper conductors PVC insulated to
BS6862 Part 1. Resistant to petrol, lubrication oils, fuel oils
and dilute acids.
• These cables are suitable for automotive, marine and
agricultural applications.
Part Number
6X236 BLK
6X236 RED
6X314 BLK
6X235 BLK
6X235 RED
30734
Specification
14/0.3 (1mm2)
21/0.3 (1.5mm2)
28/0.3 (2mm2)
9/0.3 Twin Flat
Conductor
Plain annealed copper wire
Number and Size
of Wires
14 × 0.3
21 × 0.3
28 × 0.3
9 × 0.3
-
Test Voltage
1.5KV for
2 minutes
Test Voltage
1.5KV for
2 minutes
Test Voltage
1.5KV for
2 minutes
-
-
Nominal
Dimensions
3.8 × 6.1
Current Rating (A)
8.75
13
17.5
5.75
Insulation
PVC
Nominal Outside
Diameter
2.7
3.1
3.4
2.5
Insulation
Thickness
0.6
Temperature °C
+70°C
Resistance
20°C
18.84 (Ω/kM)
20°C
12.57 (Ω/kM)
20°C
9.42 (Ω/KM)
20°C
29.35 (Ω/kM)
Colour
Black
Red
Black
Red
Outer Sheath
Red and Black
Conductor
Insulation
Length (m)
500
100
Specification Table:
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
pro-POWER is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Part Number
Wire, Auto, Black, 1mm, 500m
6X236 BLK
Wire, Auto, Red, 1mm, 500m
6X236 RED
Wire, Auto, Black, 1.5mm, 500m
6X314 BLK
Wire, Auto, Black, 2mm, 500m
6X235 BLK
Wire, Auto, Red, 2mm, 500m
6X235 RED
Cable, Automotive, Twin, Flat, 100m
30734


Similar Part No. - 30734

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3073403 PHOENIX-3073403 Datasheet
96Kb / 7P
Panel feed-through terminal block - UWV 10
3073416 PHOENIX-3073416 Datasheet
96Kb / 7P
Panel feed-through terminal block - UWV 10/S
3073419 PHOENIX-3073419 Datasheet
92Kb / 6P
Panel feed-through terminal block - UWV 16
3073432 PHOENIX-3073432 Datasheet
92Kb / 6P
Panel feed-through terminal block - UWV 16/S
3073445 PHOENIX-3073445 Datasheet
91Kb / 6P
Panel feed-through terminal block - UWV 25
More results

Similar Description - 30734

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3105A ETC2-3105A Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1344817 ETC2-1344817 Datasheet
97Kb / 2P
18 AWG stranded (7x26) tinned copper conductors
1345997 ETC2-1345997 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346239 ETC2-1346239 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1346355 ETC2-1346355 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
28517 ETC2-28517 Datasheet
33Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
33441 ETC2-33441 Datasheet
38Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351314 ETC2-1351314 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductors
1351316 ETC2-1351316 Datasheet
99Kb / 3P
24 AWG stranded (7x32) tinned copper conductors
1682724 ETC2-1682724 Datasheet
104Kb / 3P
20 AWG stranded (10x30) tinned copper conductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com