Electronic Components Datasheet Search
  English  ▼

X  

M-902DVL Datasheet(PDF) 1 Page - TOKYO KEISO CO.,LTD.

Part # M-902DVL
Description  MICRO FLOWMETER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

M-902DVL Datasheet(HTML) 1 Page - TOKYO KEISO CO.,LTD.

  M-902DVL Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 7Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 8Page - TOKYO KEISO CO.,LTD. M-902DVL Datasheet HTML 9Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
OUTLINE
M-900 series MICRO FLOWMETER is a metal tube
variable area flowmeter for small flow measurement.
All metallic construction covers even high temperature
and high pressure applications.
Thanks to compact design, M-900 is suitable for
assembling onto various devices. It also covers small
sized industrial processes.
M-900 series MICRO FLOWMETER has been used for
nuclear power plants for long time and HPGSL certified
version is also available.
In addition to local indication, alarm output and
pneumatic transmission types are ready to meet your
requirements of remote monitoring and control.
FEATURES
❏
Compact design
Small and light design offers easy installation onto
panels as well as process pipings.
❏
High sensitivity
The pivot bearing and light weight pointer enable to
follow float movement swiftly.
❏
Suitable for corrosive and opaque fluids
Anti-corrosive materials such as titanium and MA276
are available to meet your specifications.
❏
Easy reading of scale and pointer
The long pointer and wide linearized scale plate make
your reading easier.
❏
Supporting devices
Various supporting devices to meet your requirements
are available such as flow control needle valve, strainer
and constant flow valve.
For assembling onto devices, test plants and general
industrial processes
M-900 Series
MICRO FLOWMETER
OPERATING PRINCIPLE
The flow path has a tapered part. A float in which a
magnet is moulded is located in the tapered tube. The
fluid is introduced from the bottom end of flowmeter
and goes through the tube upward.
Because of the differential pressure produced by the
float and tapered tube, the float is pushed upward
and stops at a position where the weight of float and
the differential pressure balance. Thus, the position
of float corresponds to the flow rate. The moulded
magnet in the float attracts the pointer, and the pointer
indicates the flow rate on the scale plate.
The inside of the tube and indication mechanism are
totally isolated by magnetic coupling.
TG-F2287-E03
4th edition Feb 2026 K
1st edition Sep 2022 K
Float
Pointer
Indicator
Scale plate
Tapered tube
(Built in magnet)
Float rod
Connection
OUT
IN


Similar Part No. - M-902DVL

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
M-90-427 BRADY-M-90-427 Datasheet
431Kb / 1P
BMP®51 and BMP®53 Materials
More results

Similar Description - M-902DVL

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS6-61H FUJI-EDS6-61H Datasheet
471Kb / 8P
COMPACT ELECTROMAGNETIC FLOWMETER(COMPACT FLOW)
EDS6-69B FUJI-EDS6-69B Datasheet
233Kb / 16P
INTEGRAL TYPE ELECTROMAGNETIC FLOWMETER
EDS6-70B FUJI-EDS6-70B Datasheet
240Kb / 18P
SEPARATE TYPE ELECTROMAGNETIC FLOWMETER
EDS6-121A FUJI-EDS6-121A Datasheet
171Kb / 12P
VORTEX FLOWMETER (Eggs DELTA)
EDS6-122A FUJI-EDS6-122A Datasheet
215Kb / 12P
VORTEX FLOWMETER (DELTA FLOWPET)
logo
TT Electronics.
DS1132 TTELEC-DS1132 Datasheet
495Kb / 2P
Platon Plastic VA Flowmeter
DS1170 TTELEC-DS1170 Datasheet
428Kb / 2P
Platon Anaesthetic VA Flowmeter
DS3911 TTELEC-DS3911 Datasheet
275Kb / 1P
GU Flowmeter Accessories
DS3921 TTELEC-DS3921 Datasheet
327Kb / 1P
PG/PGU Flowmeter Accessories
logo
Endress+Hauser Group Se...
BA01697D EH-BA01697D Datasheet
2Mb / 64P
Electromagnetic flowmeter
2022-06-01
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com