| Electronic Components Datasheet Search |
|
P-810 Datasheet(PDF) 2 Page - TOKYO KEISO CO.,LTD. |
|
|
|||||||||||||||||||||||||||||
P-810 Datasheet(HTML) 2 Page - TOKYO KEISO CO.,LTD. |
|
2 / 2 page ![]() TG-F2412-E01 P-810 Purgemeter 2 TOKYO KEISO CO., LTD. ● Standard type P -813- 10 - 6F - R2 ■ Lock nut mounting on the panel front ■ Valve at the outlet (bellows valve) ● Bezel mounting type P -813- 00 - 6F - S2 ■ Bezel mounting (Mounting option code: D) ■ Without a valve Panel cut For 4-M4 (Countersink) Panel Nut Ferrule Welding Panel cut size Connection size Diameter (d) (mm) Rear length L (mm) Rc1/8,1/8NPT 16 (20.5) Rc1/4,1/4NPT 22 (20.5) 1/4 SW 16 (28) 3/8 SW 22 (30) 1/4 VCR 22 (30) 3/8 VCR 32 (34.5) ● Standard type P -813-40 - 6F - S2 ■ Lock nut mounting on the panel front ■ Valve at the inlet (needle valve) Dimension table Model Dimension (mm) L1 L2 L3 L4 L5 P-813 249 224 254 265 280 ● Standard material Parts name Standard material Available material Body ○ SCS14 SUS316 Tapered tube ○ Heat-resistant glass − Float* ○ SUS316, Glass, Ruby − Packing ○ Fluoro rubber Chloroprene rubber (CR) Packing press ○ SUS316 − Fitting ○ SUS316 − Valve ○ SUS316 − Mounting plate SUS304 − Cover Transparent PVC − Parts marked“○”come in contact with the measuring fluid. * We will select a proper material for your application. · SUS316 may be used instead of SUS304 due to production reasons. · ASTM or AISI materials equivalent to JIS materials may be used due to production reasons. DIMENSIONS Panel cut Panel cut Head Ofce : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558 Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922 e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp * Specication is subject to change without notice. ORDERING INFORMATION Basic model code Items to be specified P-813- □□ - □□ - □□ ① ② ③ ④ ⑤ ⑥ Fluid name − Flow range − Press. − Temp. − Mounting option − Other options (Select in the model code table.) (Refer to "Index & Quick Reference for P Series Purgemeters" (TG-S0001).) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |