Electronic Components Datasheet Search
  English  ▼

X  

P-400-L0-4N-R Datasheet(PDF) 4 Page - TOKYO KEISO CO.,LTD.

Part # P-400-L0-4N-R
Description  Purgemeter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

P-400-L0-4N-R Datasheet(HTML) 4 Page - TOKYO KEISO CO.,LTD.

  P-400-L0-4N-R Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. P-400-L0-4N-R Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. P-400-L0-4N-R Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. P-400-L0-4N-R Datasheet HTML 4Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TG-F2382-E00
P-400 Purgemeter
4
TOKYO KEISO CO., LTD.
● Standard type
P -400 - U0 -4N - R2
■ Lock nut mounting on the panel front
■ Valve at the outlet
Max. thickness of
the panel: 10
2-M18
IN
(38)
(Max.36) (35) (14)
2-Rc1/4
2-φ20
OUT
● Straight-through type
P -401 - 00 -4N - R2
■ Bottom to Top
■ Screw connection
Max. thickness of
the panel: 10
2-M18
IN
(38)
(Max.36) (35) (14)
2-Rc1/4
2-φ20
OUT
Note: An R3/8×Rc1/2 adapter is attached for Rc1/2 or larger connection.
● Flange-ended type
P - 400 - 00 - 4N - JR4
■ Flange connection (Mounting option code: E)
■ No valve
Max. thickness of
the panel: 10
2-M18
IN
(38)
(Max.36) (35) (14)
2-Rc1/4
2-φ20
OUT
● Standard material
Parts name
Standard material
Available material
Body
○ SCS14
PVC
Tapered tube
○ Heat-resistant glass
−
Float*1
○ SUS316, Glass,
PTFE, Ruby
−
Gasket
○ Nitrile rubber (NBR)
Fluoro rubber,
Chloroprene rubber
(CR), PTFE
Fitting
○ SUS304
SUS316
Valve
○ SUS304
SUS316
Mounting plate
SUS304
−
Cover
Acryl*2
SUS304
Parts marked“○”come in contact with the measuring fluid.
*1 We will select a proper material for your application.
*2 SUS304 is the standard material for the following specifications:
• When the connection standard is flange.
• When the flow direction is Bottom to Top and the process
connection is Rc or NPT1/2" or larger.
SUS316 may be used instead of SUS304 due to production
reasons.
ASTM or AISI materials equivalent to JIS materials may be used due
to production reasons.
ORDERING INFORMATION
Basic model code
Items to be specified
P-40□-□□-□□-□□
①
②
③
④
⑤
⑥
Fluid name − Flow range − Press. − Temp. − Mounting option − Other options
(Select in the model code table.)
(Refer to "Index & Quick Reference for P Series Purgemeters" (TG-S0001).)
DIMENSIONS
Head Ofce : Shiba Toho Building, 1 – 7 – 24 Shibakoen, Minato-ku, Tokyo 105 – 8558
Tel : +81-3 – 3431 – 1625 (KEY) ; Fax : +81-3 – 3433 – 4922
e-mail : overseas.sales@tokyokeiso.co.jp ; URL : https://www.tokyokeiso.co.jp
* Specication is subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com