Electronic Components Datasheet Search
  English  ▼

X  

R-101R Datasheet(PDF) 3 Page - TOKYO KEISO CO.,LTD.

Part # R-101R
Description  GLASS TUBE FLOWMETER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEISO [TOKYO KEISO CO.,LTD.]
Direct Link  https://www.tokyokeiso.co.jp/english/index.html
Logo KEISO - TOKYO KEISO CO.,LTD.

R-101R Datasheet(HTML) 3 Page - TOKYO KEISO CO.,LTD.

  R-101R Datasheet HTML 1Page - TOKYO KEISO CO.,LTD. R-101R Datasheet HTML 2Page - TOKYO KEISO CO.,LTD. R-101R Datasheet HTML 3Page - TOKYO KEISO CO.,LTD. R-101R Datasheet HTML 4Page - TOKYO KEISO CO.,LTD. R-101R Datasheet HTML 5Page - TOKYO KEISO CO.,LTD. R-101R Datasheet HTML 6Page - TOKYO KEISO CO.,LTD. R-101R Datasheet HTML 7Page - TOKYO KEISO CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
R-100 Series GLASS TUBE FLOWMETER
TG-F2369-E02
TOKYO KEISO CO., LTD.
3
CAPACITY RATING
❏
For liquid measurement
❏
For gas measurement
Meter size
Stainless
steel oat
PVC,
PTFE oat
10
15
20
25
40 (B)
40 (A)
50
65
80
100
Water ow [L/h]
9 to 120
410
1040
1750
2500
4400
9100
12100
21000
52000
30 to 55
230
700
1100
1650
3000
6400
9200
15300
42800
10
15
20
25
40 (B)
40 (A)
50
65
80
100
Air ow [m3/h (nor)]
Stainless
steel oat
Aluminum
oat
PTFE
oat
Not available
Not available
Not available
Not available
0.16 to 1.6
6
18
30
41
78
160
220
360
820
0.15 to 1.4
5.4
15
24
43
86
150
180
340
980
9.7 to 30
51
71
130
270
350
Meter size
35
30
25
20
15
10
5
1
10
50
100
500 1,000
5,000 10,000
50,000 (ℓh)
Viscosity curve
R-100
Viscosity
[mPa·s]
PROCESS CONNECTIONS FOR EACH SIZE
10
15
20
25
40
50
65
80
100
Meter
size
JIS 5K Flange
10
15
20
25
Meter
size
Rc
10
15
20
25
40
50
65
80
100
Meter
size
JIS 10K Flange
10A 15A 20A 25A 40A 50A 65A 80A 100A
10A 15A 20A 25A 40A 50A 65A 80A 100A
1/4 3/8 1/2 3/4
1
*1
*1
*1 20A and 25A are not available for meter size 40mm (2).
LIMITATION OF FLUID VISCOSITY
Refer to the following figure in case of measurement of high viscosity
liquid. If the viscosity of liquids is lower than the viscosity curve on
the viscosity vs. flow rate graph below, flowmeters are manufactured
as a standard procedure. The flow rate tables in this TECHNICAL
GUIDANCE can be referred to only by density compensation. If the
viscosity is above the curve, contact Tokyo Keiso for detailed investi-
gation by our factory computer.
FLOW RATE COMPENSATION CALCULATION
QW
Q
ρ
ρf
h
L
 
)
(
)
(
 
-ρ)
(ρ
)
-
ρ(ρ
Q
 
 
f
f
W
/
1.219
1.4
-
7.9
1
-
7.9
1.4
1219
1000
1000
1
1000
p
t)
ρ(
Q
Q
A
0.1013
273
0.0169
QA
Q
ρ
p
t
54.22 m3/h(nor)
32.08
0.0169
0.5
0.1013
40
273
1.977
0.0169
)
(
Q
A
100
100
-ρ)
(ρ
)
-
ρ(ρ
Q
Q
f
f
W
1
Liquid measurement applicarions
Gas measurement application
:Conversion coefficient
:Density of liquid to be measured [g/cm3]
:Density of water [g/cm3]
:Density of float [g/cm3] (Refer to Float density table below)
SUS 304,316
MA276 (Equivalent to Hastelloy C)
MA-B (Equivalent to Hastelloy C)
Titanium
7.9
8.94
9.24
4.5
Calculation example
Density of liquid 1.4g/cm3
SUS316 float (7.9g/cm3)
Full scale 1000 L/h
:Air converted flow rate [m3/h (nor)]
:Flow rate of actual gas [m3/h (nor)]
:Density of actual gas [kg/m3 (nor)]
:Operating pressure [MPa]
:Operating temperature [℃]
Calculation example
CO2 gas 1.977kg/m3 (nor), Op.press. 0.5MPa, Op.temp. 40°C,
Full scale 100m3/h (nor)
In this TECHNICAL GUIDANCE flow rate tables are indicated by flow rate of water (Density 1.0g/cm3, Viscosity 1.0mPa·s) and by flow rate of
air (0°C, 1 atm). Thus, in case the actual operating condition differs from them, the following compensation calculation is required to obtain
flow rate in such condition and then, tables are referred for size selection.
Flowmeters with stainless steel floats may suffer from
hunting at fluid pressures below 0.1 MPa.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com