Electronic Components Datasheet Search
  English  ▼

X  

FT3410LB Datasheet(PDF) 4 Page - Aerosemi Technology Co., Ltd

Part # FT3410LB
Description  1.3A,2.3V-7V Input,1.5MHz Synchronous Step-Down Converter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROSEMI [Aerosemi Technology Co., Ltd]
Direct Link  https://www.aerosemi.com/
Logo AEROSEMI - Aerosemi Technology Co., Ltd

FT3410LB Datasheet(HTML) 4 Page - Aerosemi Technology Co., Ltd

  FT3410LB Datasheet HTML 1Page - Aerosemi Technology Co., Ltd FT3410LB Datasheet HTML 2Page - Aerosemi Technology Co., Ltd FT3410LB Datasheet HTML 3Page - Aerosemi Technology Co., Ltd FT3410LB Datasheet HTML 4Page - Aerosemi Technology Co., Ltd FT3410LB Datasheet HTML 5Page - Aerosemi Technology Co., Ltd FT3410LB Datasheet HTML 6Page - Aerosemi Technology Co., Ltd FT3410LB Datasheet HTML 7Page - Aerosemi Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
MT3410LB 1.3A ,1.5MHz Synchronous Step-Down Converter
AEROSEMI
TYPICAL PERFORMANCE CHARACTERISTICS
SW
IL
500mA/DIV
5V/DIV
Vin=3.6V
VOUT
400ns/DIV
10mV/DIV
Vout=1.8V
Iout=50mA
电话:0755-83387360  手机:13826508770(王先生) 邮箱: 3007605919@qq.com  网址:www.sztssd.com  地址:深圳市福田区中航路鼎诚国际南座18楼1814室



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com