Electronic Components Datasheet Search
  English  ▼

X  

VTT 12 Datasheet(PDF) 4 Page - ALSTOM

Part # VTT 12
Description  Type VTT 11, 12 Definite Time Delay Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSTOM [ALSTOM]
Direct Link  https://www.alstom.com/
Logo ALSTOM - ALSTOM

VTT 12 Datasheet(HTML) 4 Page - ALSTOM

  VTT 12 Datasheet HTML 1Page - ALSTOM VTT 12 Datasheet HTML 2Page - ALSTOM VTT 12 Datasheet HTML 3Page - ALSTOM VTT 12 Datasheet HTML 4Page - ALSTOM VTT 12 Datasheet HTML 5Page - ALSTOM VTT 12 Datasheet HTML 6Page - ALSTOM  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Type VTT 11, 12
Impulse voltage
The relay complies with the requirements of IS-8686/
IEC 255-4, Appendix-E to Class III.
High frequency interference
The relay complies with IS-8686/ IEC 255-22-1,
Appendix-C to Class III.
Case
The VTT 11 and VTT 12 are supplied in 1/2N non-
drawout moulded cases suitable for flush mounting.
Non-drawout cases are finished bright black. Relays
can also be supplied in 1/2 N and 1D drawout cases
on request.
Burdens
(when energised)
DC
Burden (W)
30V
1.26
110V
4.46
220V
9.1
AC
Burden (VA)
110V
2.4
240V
2.3
415V
2.6
Dimensions and weights
Relay
Maximum overall dimensions
Approximate
gross weight Kg
Case size
Height mm
Width mm
Depth* mm
VTT11 or VTT12
1/2N Horz.
124
153
130
1.75



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com