Electronic Components Datasheet Search
  English  ▼

X  

8103909 Datasheet(PDF) 4 Page - ledxon GmbH

Part # 8103909
Description  Recessed spotlight ESP1-S20, 14,0W 1595lm CRI90 3000K 55° white
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8103909 Datasheet(HTML) 4 Page - ledxon GmbH

  8103909 Datasheet HTML 1Page - ledxon GmbH 8103909 Datasheet HTML 2Page - ledxon GmbH 8103909 Datasheet HTML 3Page - ledxon GmbH 8103909 Datasheet HTML 4Page - ledxon GmbH 8103909 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
8103909
/
Page 4 5
OXOMI
Created on 09/01/2026
Suitable for built-in mounting
Yes
With light source
Yes
BATTERIES
Contains battery
No
CUSTOMS
CE Indicator
Yes
Country of origin
China (CN)
HAZARDOUS MATERIALS
RoHS applicable
True
LOGISTICS
Delivery time (working days)
7 Days
Packaging parts
1
Unlimited shelf life
Yes
OTHER
ECHA DB Scip ID
00000000-0000-0000-0000-000000000000
REGULATIONS
REACH Indicator
No
SELLING INFORMATION
Manufacturer product number
8103909
Variation
ESP1-S20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com