Electronic Components Datasheet Search
  English  ▼

X  

8103913 Datasheet(PDF) 1 Page - ledxon GmbH

Part # 8103913
Description  Recessed spotlight ESP1-S20, 14,0W 1602lm CRI90 4000K 40° white
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDXON [ledxon GmbH]
Direct Link  https://www.ledxon.de/en
Logo LEDXON - ledxon GmbH

8103913 Datasheet(HTML) 1 Page - ledxon GmbH

  8103913 Datasheet HTML 1Page - ledxon GmbH 8103913 Datasheet HTML 2Page - ledxon GmbH 8103913 Datasheet HTML 3Page - ledxon GmbH 8103913 Datasheet HTML 4Page - ledxon GmbH 8103913 Datasheet HTML 5Page - ledxon GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
/
Page 1 5
OXOMI
Created on 09/01/2026
L E D X O N
8103913
ESP1
GTIN: 4262470461743
Recessed spotlight ESP1-S20, 14,0W 1602lm CRI90 4000K 40° white
ESP1
ESP1


Similar Part No. - 8103913

ManufacturerPart #DatasheetDescription
logo
ledxon GmbH
8103910 LEDXON-8103910 Datasheet
133Kb / 5P
Recessed spotlight ESP1-S20, 14,0W 1595lm CRI90 3000K 55° black
8103911 LEDXON-8103911 Datasheet
133Kb / 5P
Recessed spotlight ESP1-S20, 14,0W 1602lm CRI90 4000K 25° white
8103912 LEDXON-8103912 Datasheet
133Kb / 5P
Recessed spotlight ESP1-S20, 14,0W 1602lm CRI90 4000K 25° black
8103914 LEDXON-8103914 Datasheet
133Kb / 5P
Recessed spotlight ESP1-S20, 14,0W 1602lm CRI90 4000K 40° black
8103915 LEDXON-8103915 Datasheet
133Kb / 5P
Recessed spotlight ESP1-S20, 14,0W 1602lm CRI90 4000K 55° white
More results

Similar Description - 8103913

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
190BX25X CML-190BX25X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel White Diffused Lenses
190BX35X CML-190BX35X Datasheet
411Kb / 1P
LED Indicator 8mm Recessed (Interior) Bezel White Diffused Lenses
192BX25X CML-192BX25X Datasheet
409Kb / 1P
LED Indicator 14mm Recessed (Interior) Bezel White Diffused Lenses
192BX35X CML-192BX35X Datasheet
409Kb / 1P
LED Indicator 14mm Recessed (Interior) Bezel White Diffused Lenses
logo
Dialight Corporation
SB4-W1C3-301 DIALIGHT-SB4-W1C3-301 Datasheet
95Kb / 2P
White LED Recessed Spot
logo
Ledil, Inc.
C16378 LEDIL-C16378 Datasheet
3Mb / 4P
Asymmetric spotlight beam
logo
Energizer
TUF4CPE ENERGIZER-TUF4CPE Datasheet
137Kb / 1P
LED Spotlight
logo
SHENZHEN FUMAN ELECTRON...
FM7124MD FUMAN-FM7124MD Datasheet
283Kb / 11P
LED power spotlight driver IC
FM7222DS FUMAN-FM7222DS Datasheet
428Kb / 8P
LED power spotlight driver IC
JA02T FUMAN-JA02T Datasheet
436Kb / 9P
LED power spotlight driver IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com